Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP214 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 25Page - ATMEL Corporation AT89LP214 Datasheet HTML 26Page - ATMEL Corporation AT89LP214 Datasheet HTML 27Page - ATMEL Corporation AT89LP214 Datasheet HTML 28Page - ATMEL Corporation AT89LP214 Datasheet HTML 29Page - ATMEL Corporation AT89LP214 Datasheet HTML 30Page - ATMEL Corporation AT89LP214 Datasheet HTML 31Page - ATMEL Corporation AT89LP214 Datasheet HTML 32Page - ATMEL Corporation AT89LP214 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
29
3538D–MICRO–10/09
AT89LP213/214
However, the inputs may be exercised in software by toggling the P3.4 and P3.5 bits in the
Port 3 register.
Furthermore, the Timer or Counter functions for Timer 0 and Timer 1 have four operating modes:
variable width timer, 16-bit auto-reload timer, 8-bit auto-reload timer, and split timer. The control
bits C/T in the Special Function Register TMOD select the Timer or Counter function. The bit
pairs (M1, M0) in TMOD select the operating modes.
14.1
Mode 0 – Variable Width Timer/Counter
Both Timers in Mode 0 are 8-bit Counters with a variable prescaler. The prescaler may vary from
1 to 8 bits depending on the PSC bits in TCONB, giving the timer a range of 9 to 16 bits.
By default the timer is configured as a 13-bit timer compatible to Mode 0 in the standard 8051.
Figure 14-1 shows the Mode 0 operation as it applies to Timer 1 in 13-bit mode. As the count
rolls over from all “1”s to all “0”s, it sets the Timer interrupt flag TF1. The counter input is enabled
to the Timer when TR1 = 1 and either GATE = 0 or INT1 = 1. Setting GATE = 1 allows the Timer
to be controlled by external input INT1, to facilitate pulse width measurements. TR1 is a control
bit in the Special Function Register TCON. GATE is in TMOD. The 13-bit register consists of all
8 bits of TH1 and the lower 5 bits of TL1. The upper 3 bits of TL1 are indeterminate and should
be ignored. Setting the run flag (TR1) does not clear the registers.
Note:
RH1/RL1 are not required by Timer 1 during Mode 0 and may be used as temporary storage
registers.
Figure 14-1. Timer/Counter 1 Mode 0: Variable Width Counter
Mode 0 operation is the same for Timer 0 as for Timer 1, except that TR0, TF0 and INT0 replace
the corresponding Timer 1 signals in Figure 14-1. There are two different GATE bits, one for
Timer 1 (TMOD.7) and one for Timer 0 (TMOD.3). The INT0 and INT1 pins are shared with the
XTAL oscillator. They may only be used for the GATE function when using the internal RC oscil-
lator as the system clock.
Mode 0:
Time-out Period
256
2
PSC0
1
+
×
Oscillator Frequency
-------------------------------------------------------
TPS
1
+
()
×
=
OSC
T1 Pin
TR1
GATE
INT1 Pin
TL1
(8 Bits)
Control
Interrupt
C/T = 0
C/T = 1
PSC1
TH1
(8 Bits)
TF1
÷TPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com