Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP214 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 40Page - ATMEL Corporation AT89LP214 Datasheet HTML 41Page - ATMEL Corporation AT89LP214 Datasheet HTML 42Page - ATMEL Corporation AT89LP214 Datasheet HTML 43Page - ATMEL Corporation AT89LP214 Datasheet HTML 44Page - ATMEL Corporation AT89LP214 Datasheet HTML 45Page - ATMEL Corporation AT89LP214 Datasheet HTML 46Page - ATMEL Corporation AT89LP214 Datasheet HTML 47Page - ATMEL Corporation AT89LP214 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
44
3538D–MICRO–10/09
AT89LP213/214
17.4
More About Mode 1
Ten bits are transmitted (through TXD), or received (through RXD): a start bit (0), 8 data bits
(LSB first), and a stop bit (1). On receive, the stop bit goes into RB8 in SCON. In the
AT89LP214, the baud rate is determined by the Timer 1 overflow rate. Figure 17-2 shows a sim-
plified functional diagram of the serial port in Mode 1 and associated timings for transmit and
receive.
Transmission is initiated by any instruction that uses SBUF as a destination register. The “write
to SBUF” signal also loads a “1” into the 9th bit position of the transmit shift register and flags the
TX Control unit that a transmission is requested. Transmission actually commences at S1P1 of
the machine cycle following the next rollover in the divide-by-16 counter. Thus, the bit times are
synchronized to the divide-by-16 counter, not to the “write to SBUF” signal.
The transmission begins when SEND is activated, which puts the start bit at TXD. One bit time
later, DATA is activated, which enables the output bit of the transmit shift register to TXD. The
first shift pulse occurs one bit time after that.
As data bits shift out to the right, “0”s are clocked in from the left. When the MSB of the data byte
is at the output position of the shift register, the “1” that was initially loaded into the 9th position is
just to the left of the MSB, and all positions to the left of that contain “0”s. This condition flags the
TX Control unit to do one last shift, then deactivate SEND and set TI. This occurs at the tenth
divide-by-16 rollover after “write to SBUF.”
Reception is initiated by a 1-to-0 transition detected at RXD. For this purpose, RXD is sampled
at a rate of 16 times the established baud rate. When a transition is detected, the divide-by-16
counter is immediately reset, and 1FFH is written into the input shift register. Resetting the
divide-by-16 counter aligns its roll-overs with the boundaries of the incoming bit times.
The 16 states of the counter divide each bit time into 16ths. At the 7th, 8th, and 9th counter
states of each bit time, the bit detector samples the value of RXD. The value accepted is the
value that was seen in at least 2 of the 3 samples. This is done to reject noise. In order to reject
false bits, if the value accepted during the first bit time is not 0, the receive circuits are reset and
the unit continues looking for another l-to-0 transition. If the start bit is valid, it is shifted into the
input shift register, and reception of the rest of the frame proceeds.
As data bits come in from the right, “1”s shift out to the left. When the start bit arrives at the left-
most position in the shift register, (which is a 9-bit register in Mode 1), it flags the RX Control
block to do one last shift, load SBUF and RB8, and set RI. The signal to load SBUF and RB8
and to set RI is generated if, and only if, the following conditions are met at the time the final shift
pulse is generated.
RI = 0 and
Either SM2 = 0, or the received stop bit = 1
If either of these two conditions is not met, the received frame is irretrievably lost. If both condi-
tions are met, the stop bit goes into RB8, the 8 data bits go into SBUF, and RI is activated. At
this time, whether or not the above conditions are met, the unit continues looking for a 1-to-0
transition in RXD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com