Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP214 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 17Page - ATMEL Corporation AT89LP214 Datasheet HTML 18Page - ATMEL Corporation AT89LP214 Datasheet HTML 19Page - ATMEL Corporation AT89LP214 Datasheet HTML 20Page - ATMEL Corporation AT89LP214 Datasheet HTML 21Page - ATMEL Corporation AT89LP214 Datasheet HTML 22Page - ATMEL Corporation AT89LP214 Datasheet HTML 23Page - ATMEL Corporation AT89LP214 Datasheet HTML 24Page - ATMEL Corporation AT89LP214 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
21
3538D–MICRO–10/09
AT89LP213/214
12.1
Interrupt Response Time
The interrupt flags may be set by their hardware in any clock cycle. The interrupt controller polls
the flags in the last clock cycle of the instruction in progress. If one of the flags was set in the
preceding cycle, the polling cycle will find it and the interrupt system will generate an LCALL to
the appropriate service routine as the next instruction, provided that the interrupt is not blocked
by any of the following conditions: an interrupt of equal or higher priority level is already in prog-
ress; the instruction in progress is RETI or any write to the IE, IP, or IPH registers. Either of
these conditions will block the generation of the LCALL to the interrupt service routine. The sec-
ond condition ensures that if the instruction in progress is RETI or any access to IE, IP or IPH,
then at least one more instruction will be executed before any interrupt is vectored to. The poll-
ing cycle is repeated at the last cycle of each instruction, and the values polled are the values
that were present at the previous clock cycle. If an active interrupt flag is not being serviced
because of one of the above conditions and is no longer active when the blocking condition is
removed, the denied interrupt will not be serviced. In other words, the fact that the interrupt flag
was once active but not serviced is not remembered. Every polling cycle is new.
If a request is active and conditions are met for it to be acknowledged, a hardware subroutine
call to the requested service routine will be the next instruction executed. The call itself takes
four cycles. Thus, a minimum of five complete clock cycles elapsed between activation of an
interrupt request and the beginning of execution of the first instruction of the service routine. A
longer response time results if the request is blocked by one of the previously listed conditions. If
an interrupt of equal or higher priority level is already in progress, the additional wait time
depends on the nature of the other interrupt's service routine. If the instruction in progress is not
in its final clock cycle, the additional wait time cannot be more than 3 cycles, since the longest
are only 4 cycles long. If the instruction in progress is RETI or an access to IE or IP, the addi-
tional wait time cannot be more than 7 cycles (a maximum of three more cycles to complete the
instruction in progress, plus a maximum of 4 cycles to complete the next instruction). Thus, in a
single-interrupt system, the response time is always more than 5 clock cycles and less than 13
clock cycles. See Figures 12-1 and 12-2.
Figure 12-1. Minimum Interrupt Response Time
Figure 12-2. Maximum Interrupt Response Time
Clock Cycles
INT0
IE0
15
Instruction
LCALL
1st ISR Instr.
Cur. Instr.
Ack.
Clock Cycles
INT0
IE0
113
Instruction
RETI
4 Cyc. Instr.
LCALL
1st ISR In
Ack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com