Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP214 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89LP214 Datasheet HTML 1Page - ATMEL Corporation AT89LP214 Datasheet HTML 2Page - ATMEL Corporation AT89LP214 Datasheet HTML 3Page - ATMEL Corporation AT89LP214 Datasheet HTML 4Page - ATMEL Corporation AT89LP214 Datasheet HTML 5Page - ATMEL Corporation AT89LP214 Datasheet HTML 6Page - ATMEL Corporation AT89LP214 Datasheet HTML 7Page - ATMEL Corporation AT89LP214 Datasheet HTML 8Page - ATMEL Corporation AT89LP214 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
4
3538D–MICRO–10/09
AT89LP213/214
Table 3-2.
AT89LP214 Pin Description
Pin
Symbol
Type
Description
1P1.5
I/O
I/O
I
P1.5: User-configurable I/O Port 1 bit 5.
MOSI: SPI master-out/slave-in. When configured as master, this pin is an output. When configured as
slave, this pin is an input.
GPI5: General-purpose Interrupt input 5.
2P1.7
I/O
I/O
I
P1.7: User-configurable I/O Port 1 bit 7.
SCK: SPI Clock. When configured as master, this pin is an output. When configured as slave, this pin is
an input.
GPI7: General-purpose Interrupt input 7.
3P1.3
I/O
I
I
I
P1.3: User-configurable I/O Port 1 bit 3 (if Reset Fuse is disabled).
RST: External Active-Low Reset input (if Reset Fuse is enabled. See “External Reset” on page 16).
GPI3: General-purpose Interrupt input 3.
DCL: Serial Clock input for On-chip Debug Interface.
4GND
I
Ground
5P1.2
I/O
I
P1.2: User-configurable I/O Port 1 bit 2.
GPI2: General-purpose Interrupt input 2.
6P3.0
I/O
I
P3.0: User-configurable I/O Port 3 bit 0.
RXD: Serial Port Receiver input.
7P3.2
I/O
I
I/O
P3.2: User-configurable I/O Port 3 bit 2.
XTAL1: Input to the inverting oscillator amplifier and internal clock generation circuits. It may be used as
a port pin if the internal RC oscillator is selected as the clock source.
DDA: Serial Data input/output for On-chip Debug Interface when OCD is enabled and the internal RC
oscillator is selected as the clock source.
8P3.3
I/O
O
O
I/O
P3.3: User-configurable I/O Port 3 bit 3.
XTAL2: Output from inverting oscillator amplifier. It may be used as a port pin if the internal
RC oscillator is selected as the clock source.
CLKOUT: When the internal RC oscillator is selected as the clock source, may be used to output the
internal clock divided by 2.
DDA: Serial Data input/output for On-chip Debug Interface when OCD is enabled and the external clock
is selected as the clock source.\
9P3.1
I/O
O
P3.1: User-configurable I/O Port 3 bit 1.
TXD: Serial Port Transmitter output.
10
VCC
I
Supply Voltage
11
P1.0
I/O
I
I
P1.0: User-configurable I/O Port 1 bit 0.
AIN0: Analog Comparator Positive input.
GPI0: General-purpose Interrupt input 0.
12
P1.1
I/O
I
I
P1.1: User-configurable I/O Port 1 bit 1.
AIN1: Analog Comparator Negative input.
GPI1: General-purpose Interrupt input 1
13
P1.4
I/O
I
I
P1.4: User-configurable I/O Port 1 bit 4.
SS: SPI slave select input.
GPI4: General-purpose Interrupt input 4.
14
P1.6
I/O
I/O
I
P1.6: User-configurable I/O Port 1 bit 6.
MISO: SPI master-in/slave-out. When configured as master, this pin is an input. When configured
as slave, this pin is an output.
GPI6: General-purpose Interrupt input 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com