Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT45DB321D_09 Datasheet HTML 12Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 13Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 14Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 15Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 16Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 17Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 18Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 19Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
16
3597N–DFLASH–04/09
AT45DB321D
After the last data byte has been clocked in, the CS pin must be deasserted to initiate the inter-
nally self-timed program cycle. The programming of the Sector Protection Register should take
place in a time of tP, during which time the Status Register will indicate that the device is busy. If
the device is powered-down during the program cycle, then the contents of the Sector Protection
Register cannot be guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the
protection status of the sectors corresponding to the bytes not clocked in can not be guaranteed.
For example, if only the first two bytes are clocked in instead of the complete 62 bytes, then the
protection status of the last 62 sectors cannot be guaranteed. Furthermore, if more than
64 bytes of data is clocked into the device, then the data will wrap back around to the beginning
of the register. For instance, if 65 bytes of data are clocked in, then the 65th byte will be stored at
byte location 0 of the Sector Protection Register.
If a value other than 00H or FFH is clocked into a byte location of the Sector Protection Register,
then the protection status of the sector corresponding to that byte location cannot be guaran-
teed. For example, if a value of 17H is clocked into byte location 2 of the Sector Protection
Register, then the protection status of sector 2 cannot be guaranteed.
The Sector Protection Register can be reprogrammed while the sector protection enabled or dis-
abled. Being able to reprogram the Sector Protection Register with the sector protection enabled
allows the user to temporarily disable the sector protection to an individual sector rather than dis-
abling sector protection completely.
The Program Sector Protection Register command utilizes the internal SRAM buffer 1 for pro-
cessing. Therefore, the contents of the buffer 1 will be altered from its previous state when this
command is issued.
Figure 9-3.
Program Sector Protection Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Program Sector Protection Register
3DH
2AH
7FH
FCH
Data Byte
n
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
Data Byte
n + 1
Data Byte
n + 63
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com