Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT45DB321D_09 Datasheet HTML 13Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 14Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 15Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 16Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 17Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 18Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 19Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 20Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
17
3597N–DFLASH–04/09
AT45DB321D
9.1.3
Read Sector Protection Register Command
To read the Sector Protection Register, the CS pin must first be asserted. Once the CS pin has
been asserted, an opcode of 32H and 3 dummy bytes must be clocked in via the SI pin. After the
last bit of the opcode and dummy bytes have been clocked in, any additional clock pulses on the
SCK pins will result in data for the content of the Sector Protection Register being output on the
SO pin. The first byte corresponds to sector 0 (0a, 0b), the second byte corresponds to sector 1
and the last byte (byte 64) corresponds to sector 63. Once the last byte of the Sector Protection
Register has been clocked out, any additional clock pulses will result in undefined data being
output on the SO pin. The CS must be deasserted to terminate the Read Sector Protection Reg-
ister operation and put the output into a high-impedance state.
Note:
xx = Dummy Byte
Figure 9-4.
Read Sector Protection Register
9.1.4
Various Aspects About the Sector Protection Register
The Sector Protection Register is subject to a limit of 10,000 erase/program cycles. Users are
encouraged to carefully evaluate the number of times the Sector Protection Register will be
modified during the course of the applications’ life cycle. If the application requires that the Sec-
tor Protection Register be modified more than the specified limit of 10,000 cycles because the
application needs to temporarily unprotect individual sectors (sector protection remains enabled
while the Sector Protection Register is reprogrammed), then the application will need to limit this
practice. Instead, a combination of temporarily unprotecting individual sectors along with dis-
abling sector protection completely will need to be implemented by the application to ensure that
the limit of 10,000 cycles is not exceeded.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Protection Register
32H
xxH
xxH
xxH
Opcode
X
X
X
Data Byte
n
Data Byte
n + 1
CS
Data Byte
n + 63
SI
SO
Each transition
represents 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com