Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT45DB321D_09 Datasheet HTML 16Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 17Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 18Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 19Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 20Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 21Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 22Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 23Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
20
3597N–DFLASH–04/09
AT45DB321D
10.2 Security Register
The device contains a specialized Security Register that can be used for purposes such
as unique device serialization or locked key storage. The register is comprised of a total of
128 bytes that is divided into two portions. The first 64 bytes (byte locations 0 through 63) of the
Security Register are allocated as a one-time user programmable space. Once these 64 bytes
have been programmed, they cannot be reprogrammed. The remaining 64 bytes of the register
(byte locations 64 through 127) are factory programmed by Atmel and will contain a unique
value for each device. The factory programmed data is fixed and cannot be changed.
10.2.1
Programming the Security Register
The user programmable portion of the Security Register does not need to be erased before it is
programmed.
To program the Security Register, the CS pin must first be asserted and the appropriate 4-byte
opcode sequence must be clocked into the device in the correct order. The 4-byte opcode
sequence must start with 9BH and be followed by 00H, 00H, and 00H. After the last bit of the
opcode sequence has been clocked into the device, the data for the contents of the 64-byte user
programmable portion of the Security Register must be clocked in.
After the last data byte has been clocked in, the CS pin must be deasserted to initiate the inter-
nally self-timed program cycle. The programming of the Security Register should take place in a
time of tP, during which time the Status Register will indicate that the device is busy. If the device
is powered-down during the program cycle, then the contents of the 64-byte user programmable
portion of the Security Register cannot be guaranteed.
If the full 64 bytes of data is not clocked in before the CS pin is deasserted, then the values of
the byte locations not clocked in cannot be guaranteed. For example, if only the first two bytes
are clocked in instead of the complete 64 bytes, then the remaining 62 bytes of the user pro-
grammable portion of the Security Register cannot be guaranteed. Furthermore, if more than
64 bytes of data is clocked into the device, then the data will wrap back around to the beginning
of the register. For instance, if 65 bytes of data are clocked in, then the 65th byte will be stored at
byte location 0 of the Security Register.
The user programmable portion of the Security Register can only be programmed one
time. Therefore, it is not possible to only program the first two bytes of the register and then pro-
gram the remaining 62 bytes at a later time.
The Program Security Register command utilizes the internal SRAM buffer 1 for processing.
Therefore, the contents of the buffer 1 will be altered from its previous state when this command
is issued.
Figure 10-3. Program Security Register
Table 10-3.
Security Register
Security Register Byte Number
01
• • •
62
63
64
65
• • •
126
127
Data Type
One-time User Programmable
Factory Programmed By Atmel
Data Byte
n
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
Data Byte
n + 1
Data Byte
n + x
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com