Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT45DB321D_09 Datasheet HTML 49Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 50Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 51Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 52Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 53Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 54Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 55Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 56Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 57Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
56
3597N–DFLASH–04/09
AT45DB321D
29. Errata
29.1 Chip Erase
29.1.1
Issue
In a certain percentage of units, the Chip Erase feature may not function correctly and may
adversely affect device operation. Therefore, it is recommended that the Chip Erase commands
(opcodes C7H, 94H, 80H, and 9AH) not be used.
29.1.2
Workaround
Use Block Erase (opcode 50H) as an alternative. The Block Erase function is not affected by the
Chip Erase issue.
29.1.3
Resolution
The Chip Erase feature may be fixed with a new revision of the device. Please contact Atmel for
the estimated availability of devices with the fix.
L – February 2009
Changed tDIS (Typ and Max) to 27 ns and 35 ns, respectively.
M – March 2009
Changed Deep Power-Down Current values
- Increased typical value from 5 µA to 15 µA.
- Increased maximum value from 15 µA to 25 µA.
N - April 2009
Updated Absolute Maximum Ratings
Added 24C1 24 Ball BGA package Option
Deleted DataFlash Card Package Option
Revision Level – Release Date
History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com