Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT45DB321D_09 Datasheet HTML 20Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 21Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 22Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 23Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 24Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 25Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 26Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 27Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
24
3597N–DFLASH–04/09
AT45DB321D
12. Deep Power-down
After initial power-up, the device will default in standby mode. The Deep Power-down command
allows the device to enter into the lowest power consumption mode. To enter the Deep Power-
down mode, the CS pin must first be asserted. Once the CS pin has been asserted, an opcode
of B9H command must be clocked in via input pin (SI). After the last bit of the command has
been clocked in, the CS pin must be de-asserted to initiate the Deep Power-down operation.
After the CS pin is de-asserted, the device will enter the Deep Power-down mode within the
maximum tEDPD time. Once the device has entered the Deep Power-down mode, all instructions
are ignored except for the Resume from Deep Power-down command.
Figure 12-1. Deep Power-down
12.1 Resume from Deep Power-down
The Resume from Deep Power-down command takes the device out of the Deep Power-down
mode and returns it to the normal standby mode. To Resume from Deep Power-down mode, the
CS pin must first be asserted and an opcode of ABH command must be clocked in via input pin
(SI). After the last bit of the command has been clocked in, the CS pin must be de-asserted to
terminate the Deep Power-down mode. After the CS pin is de-asserted, the device will return to
the normal standby mode within the maximum tRDPD time. The CS pin must remain high during
the tRDPD time before the device can receive any commands. After resuming form Deep Power-
down, the device will return to the normal standby mode.
Figure 12-2. Resume from Deep Power-Down
Command
Opcode
Deep Power-down
B9H
Opcode
CS
Each transition
represents 8 bits
SI
Command
Opcode
Resume from Deep Power-down
ABH
Opcode
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com