Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT45DB321D_09 Datasheet HTML 18Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 19Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 20Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 21Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 22Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 23Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 24Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 25Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
22
3597N–DFLASH–04/09
AT45DB321D
11.2 Main Memory Page to Buffer Compare
A page of data in the main memory can be compared to the data in buffer 1 or buffer 2. To initi-
ate the operation for DataFlash standard page size, a 1-byte opcode, 60H for buffer 1 and 61H
for buffer 2, must be clocked into the device, followed by three address bytes consisting of
1 don’t care bit, 13-page address bits (PA12 - PA0) that specify the page in the main memory
that is to be compared to the buffer, and 10 don’t care bits. To start a main memory page to buf-
fer compare for a binary page size, the opcode 60H for buffer 1 or 61H for buffer 2, must be
clocked into the device followed by three address bytes consisting of 2 don’t care bits, 13 page
address bits (A21 - A9) that specify the page in the main memory that is to be compared to the
buffer, and 9 don’t care bits. The CS pin must be low while toggling the SCK pin to load the
opcode and the address bytes from the input pin (SI). On the low-to-high transition of the CS pin,
the data bytes in the selected main memory page will be compared with the data bytes in buffer
1 or buffer 2. During this time (tCOMP), the status register and the RDY/BUSY pin will indicate that
the part is busy. On completion of the compare operation, bit 6 of the status register is updated
with the result of the compare.
11.3 Auto Page Rewrite
This mode is only needed if multiple bytes within a page or multiple pages of data are modified in
a random fashion within a sector. This mode is a combination of two operations: Main Memory
Page to Buffer Transfer and Buffer to Main Memory Page Program with Built-in Erase. A page of
data is first transferred from the main memory to buffer 1 or buffer 2, and then the same data
(from buffer 1 or buffer 2) is programmed back into its original page of main memory. To start the
rewrite operation for the DataFlash standard page size (528 bytes), a 1-byte opcode, 58H for
buffer 1 or 59H for buffer 2, must be clocked into the device, followed by three address bytes
comprised of 1 don’t care bit, 13-page address bits (PA12-PA0) that specify the page in main
memory to be rewritten and 10 don’t care bits. To initiate an auto page rewrite for a binary page
size (512 bytes), the opcode 58H for buffer 1 or 59H for buffer 2, must be clocked into the device
followed by three address bytes consisting of 2 don’t care bits, 13 page address bits (A21 - A9)
that specify the page in the main memory that is to be written and 9 don’t care bits. When a low-
to-high transition occurs on the CS pin, the part will first transfer data from the page in main
memory to a buffer and then program the data from the buffer back into same page of main
memory. The operation is internally self-timed and should take place in a maximum time of tEP.
During this time, the status register and the RDY/BUSY pin will indicate that the part is busy.
If a sector is programmed or reprogrammed sequentially page by page, then the programming
algorithm shown in Figure 25-1 (page 46) is recommended. Otherwise, if multiple bytes in a
page or several pages are programmed randomly in a sector, then the programming algorithm
shown in Figure 25-2 (page 47) is recommended. Each page within a sector must be
updated/rewritten at least once within every 10,000 cumulative page erase/program operations
in that sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com