Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT45DB321D_09 Datasheet HTML 22Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 23Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 24Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 25Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 26Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 27Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 28Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 29Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
26
3597N–DFLASH–04/09
AT45DB321D
14. Manufacturer and Device ID Read
Identification information can be read from the device to enable systems to electronically query
and identify the device while it is in system. The identification method and the command opcode
comply with the JEDEC standard for “Manufacturer and Device ID Read Methodology for SPI
Compatible Serial Interface Memory Devices”. The type of information that can be read from the
device includes the JEDEC defined Manufacturer ID, the vendor specific Device ID, and the ven-
dor specific Extended Device Information.
To read the identification information, the CS pin must first be asserted and the opcode of 9FH
must be clocked into the device. After the opcode has been clocked in, the device will begin out-
putting the identification data on the SO pin during the subsequent clock cycles. The first byte
that will be output will be the Manufacturer ID followed by two bytes of Device ID information.
The fourth byte output will be the Extended Device Information String Length, which will be 00H
indicating that no Extended Device Information follows. As indicated in the JEDEC standard,
reading the Extended Device Information String Length and any subsequent data is optional.
Deasserting the CS pin will terminate the Manufacturer and Device ID Read operation and put
the SO pin into a high-impedance state. The CS pin can be deasserted at any time and does not
require that a full byte of data be read.
14.1 Manufacturer and Device ID Information
14.1.1
Byte 1 – Manufacturer ID
Hex
Value
JEDEC Assigned Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1FH
0
0
0
1
1
1
1
1
Manufacturer ID
1FH = Atmel
14.1.2
Byte 2 – Device ID (Part 1)
Hex
Value
Family Code
Density Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Family Code
001 = DataFlash
27H
0
0
1
0
0
1
1
1
Density Code
00111 = 32-Mbit
14.1.3
Byte 3 – Device ID (Part 2)
Hex
Value
MLC Code
Product Version Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MLC Code
000 = 1-bit/Cell Technology
00H
0
0
0
0
0
0
0
1
Product Version
00001 = Second Version
14.1.4
Byte 4 – Extended Device Information String Length
Hex
Value
Byte Count
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00H
0
0
0
0
0
0
0
0
Byte Count
00H = 0 Bytes of Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com