Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB642D Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 9Page - ATMEL Corporation AT45DB642D Datasheet HTML 10Page - ATMEL Corporation AT45DB642D Datasheet HTML 11Page - ATMEL Corporation AT45DB642D Datasheet HTML 12Page - ATMEL Corporation AT45DB642D Datasheet HTML 13Page - ATMEL Corporation AT45DB642D Datasheet HTML 14Page - ATMEL Corporation AT45DB642D Datasheet HTML 15Page - ATMEL Corporation AT45DB642D Datasheet HTML 16Page - ATMEL Corporation AT45DB642D Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
13
3542K–DFLASH–04/09
AT45DB642D
8.1
Software Sector Protection
8.1.1
Enable Sector Protection Command
Sectors specified for protection in the Sector Protection Register can be protected from program
and erase operations by issuing the Enable Sector Protection command. To enable the sector
protection using the software controlled method, the CS pin must first be asserted as it would be
with any other command. Once the CS pin has been asserted, the appropriate 4-byte command
sequence must be clocked in via the input pins (SI or I/O7-I/O0). After the last bit of the com-
mand sequence has been clocked in, the CS pin must be deasserted after which the sector
protection will be enabled.
Figure 8-1.
Enable Sector Protection
8.1.2
Disable Sector Protection Command
To disable the sector protection using the software controlled method, the CS pin must first be
asserted as it would be with any other command. Once the CS pin has been asserted, the
appropriate 4-byte sequence for the Disable Sector Protection command must be clocked in via
the input pins (SI or I/O7-I/O0). After the last bit of the command sequence has been clocked in,
the CS pin must be deasserted after which the sector protection will be disabled. The WP pin
must be in the deasserted state; otherwise, the Disable Sector Protection command will be
ignored.
Figure 8-2.
Disable Sector Protection
Command
Byte 1
Byte 2
Byte 3
Byte 4
Enable Sector Protection
3DH
2AH
7FH
A9H
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI or IO
7 - IO0
Command
Byte 1
Byte 2
Byte 3
Byte 4
Disable Sector Protection
3DH
2AH
7FH
9AH
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI or IO
7 - IO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com