Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB642D Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 33Page - ATMEL Corporation AT45DB642D Datasheet HTML 34Page - ATMEL Corporation AT45DB642D Datasheet HTML 35Page - ATMEL Corporation AT45DB642D Datasheet HTML 36Page - ATMEL Corporation AT45DB642D Datasheet HTML 37Page - ATMEL Corporation AT45DB642D Datasheet HTML 38Page - ATMEL Corporation AT45DB642D Datasheet HTML 39Page - ATMEL Corporation AT45DB642D Datasheet HTML 40Page - ATMEL Corporation AT45DB642D Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
37
3542K–DFLASH–04/09
AT45DB642D
20. Output Test Load
21. AC Waveforms
Six different timing waveforms are shown below. Waveform 1 shows the SCK/CLK signal being
low when CS makes a high-to-low transition, and waveform 2 shows the SCK/CLK signal being
high when CS makes a high-to-low transition. In both cases, output SO becomes valid while the
SCK/CLK signal is still low (SCK/CLK low time is specified as tWL). Timing waveforms 1 and 2
conform to RapidS serial interface but for frequencies up to 66 MHz. Waveforms 1 and 2 are
compatible with SPI Mode 0 and SPI Mode 3, respectively.
Waveform 3 and waveform 4 illustrate general timing diagram for RapidS serial interface. These
are similar to waveform 1 and waveform 2, except that output SO is not restricted to become
valid during the tWL period. These timing waveforms are valid over the full frequency range (max-
imum frequency = 66 MHz) of the RapidS serial case. Waveform 5 and waveform 6 are for 8-bit
Rapid8 interface over the full frequency range of operation (maximum frequency = 50 MHz).
21.1 Waveform 1 – SPI Mode 0 Compatible (for Frequencies up to 66 MHz)
21.2 Waveform 2 – SPI Mode 3 Compatible (for Frequencies up to 66 MHz)
Note:
To operate the device at 50 MHz in SPI mode, the combined CPU setup time and rise/fall time should be less than 2 ns.
DEVICE
UNDER
TEST
30 pF
CS
SCK/CLK
SI
SO
tCSS
VALID IN
tH
tSU
tWH
tWL
tCSH
tCS
tV
HIGH IMPEDANCE
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
CS
SCK/CLK
SO
tCSS
VALID IN
tH
tSU
tWL
tWH
tCSH
tCS
tV
HIGH Z
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com