Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB642D Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 35Page - ATMEL Corporation AT45DB642D Datasheet HTML 36Page - ATMEL Corporation AT45DB642D Datasheet HTML 37Page - ATMEL Corporation AT45DB642D Datasheet HTML 38Page - ATMEL Corporation AT45DB642D Datasheet HTML 39Page - ATMEL Corporation AT45DB642D Datasheet HTML 40Page - ATMEL Corporation AT45DB642D Datasheet HTML 41Page - ATMEL Corporation AT45DB642D Datasheet HTML 42Page - ATMEL Corporation AT45DB642D Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
39
3542K–DFLASH–04/09
AT45DB642D
21.7 Utilizing the RapidS™ Function
To take advantage of the RapidS function's ability to operate at higher clock frequencies, a full
clock cycle must be used to transmit data back and forth across the serial bus. The DataFlash is
designed to always clock its data out on the falling edge of the SCK signal and clock data in on
the rising edge of SCK.
For full clock cycle operation to be achieved, when the DataFlash is clocking data out on the fall-
ing edge of SCK, the host controller should wait until the next falling edge of SCK to latch the
data in. Similarly, the host controller should clock its data out on the rising edge of SCK in order
to give the DataFlash a full clock cycle to latch the incoming data in on the next rising edge of
SCK.
Figure 21-1. RapidS Mode
SCK
MOSI
MISO
1
234567
81
234567
8
MOSI = Master Out, Slave In
MISO = Master In, Slave Out
The Master is the host controller and the Slave is the DataFlash
The Master always clocks data out on the rising edge of SCK and always clocks data in on the falling edge of SCK.
The Slave always clocks data out on the falling edge of SCK and always clocks data in on the rising edge of SCK.
A.
Master clocks out first bit of BYTE-MOSI on the rising edge of SCK.
B.
Slave clocks in first bit of BYTE-MOSI on the next rising edge of SCK.
C.
Master clocks out second bit of BYTE-MOSI on the same rising edge of SCK.
D.
Last bit of BYTE-MOSI is clocked out from the Master.
E.
Last bit of BYTE-MOSI is clocked into the slave.
F.
Slave clocks out first bit of BYTE-SO.
G.
Master clocks in first bit of BYTE-SO.
H.
Slave clocks out second bit of BYTE-SO.
I.
Master clocks in last bit of BYTE-SO.
A
B
CD
E
F
G
1
H
BYTE-MOSI
MSB
LSB
BYTE-SO
MSB
LSB
Slave
CS
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com