Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB642D Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 49Page - ATMEL Corporation AT45DB642D Datasheet HTML 50Page - ATMEL Corporation AT45DB642D Datasheet HTML 51Page - ATMEL Corporation AT45DB642D Datasheet HTML 52Page - ATMEL Corporation AT45DB642D Datasheet HTML 53Page - ATMEL Corporation AT45DB642D Datasheet HTML 54Page - ATMEL Corporation AT45DB642D Datasheet HTML 55Page - ATMEL Corporation AT45DB642D Datasheet HTML 56Page - ATMEL Corporation AT45DB642D Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
53
3542K–DFLASH–04/09
AT45DB642D
28. Packaging Information
28.1 28T – TSOP, Type 1
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28T, 28-lead (8 x 13.4 mm) Plastic Thin Small Outline
Package, Type I (TSOP)
C
28T
12/06/02
PIN 1
0º ~ 5º
D1
D
Pin 1 Identifier Area
b
e
E
A
A1
A2
c
L
GAGE PLANE
SEATING PLANE
L1
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MO-183.
2. Dimensions D1 and E do not include mold protrusion. Allowable
protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side.
3. Lead coplanarity is 0.10 mm maximum.
A
–
–
1.20
A1
0.05
–
0.15
A2
0.90
1.00
1.05
D
13.20
13.40
13.60
D1
11.70
11.80
11.90
Note 2
E
7.90
8.00
8.10
Note 2
L
0.50
0.60
0.70
L1
0.25 BASIC
b
0.17
0.22
0.27
c
0.10
–
0.21
e
0.55 BASIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com