Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB642D Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 48Page - ATMEL Corporation AT45DB642D Datasheet HTML 49Page - ATMEL Corporation AT45DB642D Datasheet HTML 50Page - ATMEL Corporation AT45DB642D Datasheet HTML 51Page - ATMEL Corporation AT45DB642D Datasheet HTML 52Page - ATMEL Corporation AT45DB642D Datasheet HTML 53Page - ATMEL Corporation AT45DB642D Datasheet HTML 54Page - ATMEL Corporation AT45DB642D Datasheet HTML 55Page - ATMEL Corporation AT45DB642D Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
52
3542K–DFLASH–04/09
AT45DB642D
Notes: 1. The shipping carrier option is not marked on the devices.
2. Standard parts are shipped with the page size set to 1056 bytes. The user is able to configure these parts to a 1024-byte
page size if desired.
3. Parts ordered with suffix SL954 are shipped in bulk with the page size set to 1024 bytes. Parts will have a 954 or SL954
marked on them.
4. Parts ordered with suffix SL955 are shipped in tape and reel with the page size set to 1024 bytes. Parts will have a 954 or
SL954 marked on them.
27.2 Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code(1)(2)
Package
Lead Finish
Operating Voltage
fSCK (MHz)
Operation Range
AT45DB642D-CNU
AT45DB642D-CNU-SL954(3)
AT45DB642D-CNU-SL955(4)
8CN3
Matte Sn
2.7V to 3.6V
66
Industrial
(-40
°C to 85°C)
2.7V to 3.6V
AT45DB642D-TU
28T
AT45DB642D-CU
24C1
Matte Sn
2.7V to 3.6V
66
Package Type
28T
28-lead, (8 x 13.4 mm) Plastic Thin Small Outline Package, Type I (TSOP)
8CN3
8-pad (6 mm x 8 mm) Chip Array Small Outline No Lead Package (CASON)
24C1
24-Ball, 6mm x 8mm x 1,4mm Ball Grid Array with a 1mm pitch 5 x 5 Ball Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com