Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB642D Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 17Page - ATMEL Corporation AT45DB642D Datasheet HTML 18Page - ATMEL Corporation AT45DB642D Datasheet HTML 19Page - ATMEL Corporation AT45DB642D Datasheet HTML 20Page - ATMEL Corporation AT45DB642D Datasheet HTML 21Page - ATMEL Corporation AT45DB642D Datasheet HTML 22Page - ATMEL Corporation AT45DB642D Datasheet HTML 23Page - ATMEL Corporation AT45DB642D Datasheet HTML 24Page - ATMEL Corporation AT45DB642D Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
21
3542K–DFLASH–04/09
AT45DB642D
Figure 10-3. Program Security Register
10.2.2
Reading the Security Register
The Security Register can be read by first asserting the CS pin and then clocking in an opcode
of 77H followed by three dummy bytes if using the serial interface and seven dummy bytes if
using the 8-bit interface. After the last don't care bit has been clocked in, the content of the
Security Register can be clocked out on the SO or I/O7 - I/O0 pins. After the last byte of the
Security Register has been read, additional pulses on the SCK/CLK pin will simply result in
undefined data being output on the SO or I/O7 - I/O0 pins.
Deasserting the CS pin will terminate the Read Security Register operation and put the SO or
I/O7 - I/O0 pins into a high-impedance state.
Figure 10-4. Read Security Register
Data Byte
n
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
Data Byte
n + 1
Data Byte
n + x
CS
Each transition
represents 8 bits
SI or IO
7 - IO0
Opcode
X
X
X
Data Byte
n
Data Byte
n + 1
CS
Data Byte
n + x
Each transition
represents 8 bits
SI or IO
7 - IO0
SO or IO
7 - IO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com