Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB642D Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 50Page - ATMEL Corporation AT45DB642D Datasheet HTML 51Page - ATMEL Corporation AT45DB642D Datasheet HTML 52Page - ATMEL Corporation AT45DB642D Datasheet HTML 53Page - ATMEL Corporation AT45DB642D Datasheet HTML 54Page - ATMEL Corporation AT45DB642D Datasheet HTML 55Page - ATMEL Corporation AT45DB642D Datasheet HTML 56Page - ATMEL Corporation AT45DB642D Datasheet HTML 57Page - ATMEL Corporation AT45DB642D Datasheet HTML 58Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
55
3542K–DFLASH–04/09
AT45DB642D
28.3 24C1 - Ball Grid Array
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
24C1, 24-ball (5 x 5 Array), 6 x 8 x 1.4 mm Body, 1.0 mm Ball
Pitch Chip-scale Ball Grid Array Package (CBGA)
A
24C1
04/11/01
Dimensions in Millimeters and (Inches).
Controlling dimension: Millimeters.
A
B
C
D
E
5
432
1
4.0 (0.157)
1.00 (0.039) REF
0.46 (0.018)
DIA BALL TYP
2.00 (0.079) REF
4.0 (0.157)
8.10(0.319)
7.90(0.311)
1.40 (0.055) MAX
0.30 (0.012)MIN
6.10(0.240)
5.90(0.232)
1.00 (0.0394) BSC
NON-ACCUMULATIVE
A1 ID
1.00 (0.0394) BSC
NON-ACCUMULATIVE
TOP VIEW
SIDE VIEW
BOTTOM VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com