Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 71Page - ATMEL Corporation ATtiny167 Datasheet HTML 72Page - ATMEL Corporation ATtiny167 Datasheet HTML 73Page - ATMEL Corporation ATtiny167 Datasheet HTML 74Page - ATMEL Corporation ATtiny167 Datasheet HTML 75Page - ATMEL Corporation ATtiny167 Datasheet HTML 76Page - ATMEL Corporation ATtiny167 Datasheet HTML 77Page - ATMEL Corporation ATtiny167 Datasheet HTML 78Page - ATMEL Corporation ATtiny167 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 282 page
background image
75
7728D–AVR–07/09
ATtiny87/ATtiny167
9.3.1
MCU Control Register – MCUCR
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0, 1). See “Con-
figuring the Pin” on page 68 for more details about this feature.
9.3.2
Port Control Register – PORTCR
• Bits 5, 4 – BBMx: Break-Before-Make Mode Enable
When these bits are written to one, the port-wise Break-Before-Make mode is activated. The
intermediate tri-state cycle is then inserted when writing DDRxn to make an output. For further
information, see “Break-Before-Make Switching” on page 69.
• Bits 1, 0 – PUDx: Port-Wise Pull-up Disable
When these bits are written to one, the port-wise pull-ups in the defined I/O ports are disabled
even if the DDxn and PORTxn Registers are configured to enable the pu ll-ups
({DDxn, PORTxn} = 0, 1). The Port-Wise Pull-up Disable bits are ORed with the global Pull-up
Disable bit (PUD) from the MCUCR register. See “Configuring the Pin” on page 68 for more
details about this feature.
Bit
7
6
5
4
3
2
1
0
–
BODS
BODSE
PUD
–
–
–
–
MCUCR
Read/Write
R
R/W
R/W
R/W
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
-
-
BBMB
BBMA
-
-
PUDB
PUDA
PORTCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com