Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATtiny167 Datasheet HTML 1Page - ATMEL Corporation ATtiny167 Datasheet HTML 2Page - ATMEL Corporation ATtiny167 Datasheet HTML 3Page - ATMEL Corporation ATtiny167 Datasheet HTML 4Page - ATMEL Corporation ATtiny167 Datasheet HTML 5Page - ATMEL Corporation ATtiny167 Datasheet HTML 6Page - ATMEL Corporation ATtiny167 Datasheet HTML 7Page - ATMEL Corporation ATtiny167 Datasheet HTML 8Page - ATMEL Corporation ATtiny167 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 282 page
background image
5
7728D–AVR–07/09
ATtiny87/ATtiny167
1.6
Pin Configuration
Figure 1-2.
Pinout ATtiny87/167 - SOIC20 & TSSOP20
Figure 1-3.
Pinout ATtiny87/167 - QFN32
PB0 (PCINT8 / OC1AU / DI / SDA)
PB1 (PCINT9 / OC1BU / DO)
PB2 (PCINT10 / OC1AV / USCK / SCL)
PB3 (PCINT11 / OC1BV)
GND
VCC
PB4 (PCINT12 / OC1AW / XTAL1 / CLKI)
PB5 (PCINT13 / ADC8 / OC1BW / XTAL2 / CLKO)
PB6 (PCINT14 / ADC9 / OC1AX / INT0)
PB7 (PCINT15 / ADC10 / OC1BX / RESET / dW)
(RXLIN / RXD / ADC0 / PCINT0) PA0
(TXLIN / TXD / ADC1 / PCINT1) PA1
(MISO / DO / OC0A / ADC2 / PCINT2) PA2
(INT1 / ISRC / ADC3 / PCINT3) PA3
AVCC
AGND
(MOSI / SDA / DI / ICP1 / ADC4 / PCINT4) PA4
(SCK / SCL / USCK / T1 / ADC5 / PCINT5) PA5
(SS / AIN0 / ADC6 / PCINT6) PA6
(AREF / XREF / AIN1 / ADC7 / PCINT7) PA7
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20-pin
top
view
PB5 (PCINT13 / ADC8 / OC1BW / XTAL2 / CLKO)
PB4 (PCINT12 / OC1AW / XTAL1 / CLKI)
VCC
GND
1
2
3
4
5
21
20
19
18
17
32-lead
top view
AGND
AVCC
(INT1 / ISRC / ADC3 / PCINT3) PA3
nc
nc
nc
nc
nc
nc
nc
nc
nc
INDEX CORNER
Bottom pad should be
soldered to ground
6
7
8
24
23
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com