Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 37Page - ATMEL Corporation ATtiny167 Datasheet HTML 38Page - ATMEL Corporation ATtiny167 Datasheet HTML 39Page - ATMEL Corporation ATtiny167 Datasheet HTML 40Page - ATMEL Corporation ATtiny167 Datasheet HTML 41Page - ATMEL Corporation ATtiny167 Datasheet HTML 42Page - ATMEL Corporation ATtiny167 Datasheet HTML 43Page - ATMEL Corporation ATtiny167 Datasheet HTML 44Page - ATMEL Corporation ATtiny167 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 282 page
background image
41
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bits 5:4 – CSUT1:0: Clock Start-up Time
CSUT bits are initialized with the values of SUT Fuse bits.
In case of ‘Enable/Disable Clock Source’ command, CSUT field provides the code of the clock
start-up time. Refer to subdivisions of Section 4.2 “Clock Sources” on page 25 for code of
clock start-up times.
In case of ‘Recover System Clock Source’ command, CSUT field is not affected (no recover-
ing of SUT code).
• Bits 3:0 – CSEL3:0: Clock Source Select
CSEL bits are initialized with the values of CKSEL Fuse bits.
In case of ‘Enable/Disable Clock Source’, ‘Request for Clock Availability’ or ‘Clock Source
Switch’ command, CSEL field provides the code of the clock source. Refer to Table 4-1 on
page 25 and subdivisions of Section 4.2 “Clock Sources” on page 25 for clock source codes.
In case of ‘Recover System Clock Source’ command, CSEL field contains the code of the
clock source used to drive the Clock Control Unit as described in Figure 4-1 on page 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com