Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 57Page - ATMEL Corporation ATtiny167 Datasheet HTML 58Page - ATMEL Corporation ATtiny167 Datasheet HTML 59Page - ATMEL Corporation ATtiny167 Datasheet HTML 60Page - ATMEL Corporation ATtiny167 Datasheet HTML 61Page - ATMEL Corporation ATtiny167 Datasheet HTML 62Page - ATMEL Corporation ATtiny167 Datasheet HTML 63Page - ATMEL Corporation ATtiny167 Datasheet HTML 64Page - ATMEL Corporation ATtiny167 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 282 page
background image
61
7728D–AVR–07/09
ATtiny87/ATtiny167
7.3
Program Setup in ATtiny167
The most typical and general program setup for the Reset and Interrupt Vector Addresses in
ATtiny167 is (4-byte step - using “jmp” instruction):
Address
(Note:)Label Code
Comments
0x0000
jmp
RESET
; Reset Handler
0x0002
jmp
INT0addr
; IRQ0 Handler
0x0004
jmp
INT1addr
; IRQ1 Handler
0x0006
jmp
PCINT0addr
; PCINT0 Handler
0x0008
jmp
PCINT1addr
; PCINT1 Handler
0x000A
jmp
WDTaddr
; Watchdog Timer Handler
0x000C
jmp
ICP1addr
; Timer1 Capture Handler
0x000E
jmp
OC1Aaddr
; Timer1 Compare A Handler
0x0010
jmp
OC1Baddr
; Timer1 Compare B Handler
0x0012
jmp
OVF1addr
; Timer1 Overflow Handler
0x0014
jmp
OC0Aaddr
; Timer0 Compare A Handler
0x0016
jmp
OVF0addr
; Timer0 Overflow Handler
0x0018
jmp
LINTCaddr
; LIN Transfer Complete Handler
0x001A
jmp
LINERRaddr
; LIN Error Handler
0x001C
jmp
SPIaddr
; SPI Transfer Complete Handler
0x001E
jmp
ADCCaddr
; ADC Conversion Complete Handler
0x0020
jmp
ERDYaddr
; EEPROM Ready Handler
0x0022
jmp
ACIaddr
; Analog Comparator Handler
0x0024
jmp
USISTARTaddr
; USI Start Condition Handler
0x0026
jmp
USIOVFaddr
; USI Overflow Handler
0x0028 RESET:
ldi
r16, high(RAMEND); Main program start
0x0029
out
SPH,r16
; Set Stack Pointer to top of RAM
0x002A
ldi
r16, low(RAMEND)
0x002B
out
SPL,r16
0x002C
sei
; Enable interrupts
0x002D
<instr>
xxx
...
...
...
...
Note:
16-bit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com