Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 23Page - ATMEL Corporation ATtiny167 Datasheet HTML 24Page - ATMEL Corporation ATtiny167 Datasheet HTML 25Page - ATMEL Corporation ATtiny167 Datasheet HTML 26Page - ATMEL Corporation ATtiny167 Datasheet HTML 27Page - ATMEL Corporation ATtiny167 Datasheet HTML 28Page - ATMEL Corporation ATtiny167 Datasheet HTML 29Page - ATMEL Corporation ATtiny167 Datasheet HTML 30Page - ATMEL Corporation ATtiny167 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 282 page
background image
27
7728D–AVR–07/09
ATtiny87/ATtiny167
Notes:
1. If 8 MHz frequency exceeds the specification of the device (depends on Vcc), the CKDIV8
fuse can be programmed in order to divide the internal frequency by 8.
2. The frequency ranges are guideline values.
3. The device is shipped with this CKSEL = “0010”.
4. Flash Fuse bits.
5. CLKSELR register bits.
When this Oscillator is selected, start-up times are determined by the SUT Fuses or by CSUT
field as shown in Table 4-4.
Notes:
1. Flash Fuse bits
2. CLKSELR register bits
3. This setting is only available if RSTDISBL fuse is not set
4. The device is shipped with this option selected.
4.2.3
128 KHz Internal Oscillator
The 128 KHz internal Oscillator is a low power Oscillator providing a clock of 128 KHz. The
frequency is nominal at 3V and 25°C. This clock may be selected as the system clock by pro-
gramming CKSEL Fuses or CSEL field as shown in Table 4-1 on page 25.
When this clock source is selected, start-up times are determined by the SUT Fuses or by
CSUT field as shown in Table 4-5.
Notes:
1. Flash Fuse bits
2. CLKSELR register bits
3. This setting is only available if RSTDISBL fuse is not set
Table 4-3.
Internal Calibrated RC Oscillator Operating Modes
(1)
Frequency Range(2) (MHz)
CKSEL3..0
(3)(4)
CSEL3..0
(5)
7.6 - 8.4
0010
Table 4-4.
Start-up Times for the Internal Calibrated RC Oscillator Clock Selection
SUT1..0(1)
CSUT1..0(2)
Start-up Time from
Power-down/save
Additional Delay from
Reset (Vcc = 5.0V)
Recommended Usage
00(3)
6 CK
14CK
BOD enabled
01
6 CK
14CK + 4.1 ms
Fast rising power
10(4)
6 CK
14CK + 65 ms
Slowly rising power
11
Reserved
Table 4-5.
Start-up Times for the 128 kHz Internal Oscillator
SUT1..0(1)
CSUT1..0(2)
Start-up Time from
Power-down/save
Additional Delay
from Reset (Vcc = 5.0V)
Recommended Usage
00(3)
6 CK
14CK
BOD enabled
01
6 CK
14CK + 4.1 ms
Fast rising power
10
6 CK
14CK + 65 ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com