Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 53Page - ATMEL Corporation ATtiny167 Datasheet HTML 54Page - ATMEL Corporation ATtiny167 Datasheet HTML 55Page - ATMEL Corporation ATtiny167 Datasheet HTML 56Page - ATMEL Corporation ATtiny167 Datasheet HTML 57Page - ATMEL Corporation ATtiny167 Datasheet HTML 58Page - ATMEL Corporation ATtiny167 Datasheet HTML 59Page - ATMEL Corporation ATtiny167 Datasheet HTML 60Page - ATMEL Corporation ATtiny167 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 282 page
background image
57
7728D–AVR–07/09
ATtiny87/ATtiny167
6.3.3
Watchdog Timer Control Register - WDTCR
• Bit 7 - WDIF: Watchdog Interrupt Flag
This bit is set when a time-out occurs in the Watchdog Timer and the Watchdog Timer is con-
figured for interrupt. WDIF is cleared by hardware when executing the corresponding interrupt
handling vector. Alternatively, WDIF is cleared by writing a logic one to the flag. When the I-bit
in SREG and WDIE are set, the Watchdog Time-out Interrupt is executed.
• Bit 6 - WDIE: Watchdog Interrupt Enable
When this bit is written to one and the I-bit in the Status Register is set, the Watchdog Interrupt
is enabled. If WDE is cleared in combination with this setting, the Watchdog Timer is in Inter-
rupt Mode, and the corresponding interrupt is executed if time-out in the Watchdog Timer
occurs.
If WDE is set, the Watchdog Timer is in Interrupt and System Reset Mode. The first time-out in
the Watchdog Timer will set WDIF. Executing the corresponding interrupt vector will clear
WDIE and WDIF automatically by hardware (the Watchdog goes to System Reset Mode). This
is useful for keeping the Watchdog Timer security while using the interrupt. To stay in Interrupt
and System Reset Mode, WDIE must be set after each interrupt. This should however not be
done within the interrupt service routine itself, as this might compromise the safety-function of
the Watchdog System Reset mode. If the interrupt is not executed before the next time-out, a
System Reset will be applied.
If the Watchdog Timer is used as clock monitor (c.f. Section • “Bits 3:0 – CLKC3:0: Clock Con-
trol Bits 3 - 0” on page 40), the System Reset Mode is enabled and the Interrupt Mode is
automatically disabled.
Note:
1. At least one of these three enables (WDTON, WDE & WDIE) equal to 1.
• Bit 4 - WDCE: Watchdog Change Enable
This bit is used in timed sequences for changing WDE and prescaler bits. To clear the WDE
bit, and/or change the prescaler bits, WDCE must be set.
Once written to one, hardware will clear WDCE after four clock cycles.
Bit
7
6
543210
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
WDTCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
X
0
0
0
Table 6-1.
Watchdog Timer Configuration
Clock
Monitor
WDTON
WDE
WDIE Mode
Action on Time-out
x
0
0
0
Stopped
None
On
y(1)
y(1)
y(1)
System Reset Mode
Reset
Off
0
0
1
Interrupt Mode
Interrupt
0
1
0
System Reset Mode
Reset
01
1
Interrupt and System Reset
Mode
Interrupt, then go to System
Reset Mode
1
x
x
System Reset Mode
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com