Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 36Page - ATMEL Corporation ATtiny167 Datasheet HTML 37Page - ATMEL Corporation ATtiny167 Datasheet HTML 38Page - ATMEL Corporation ATtiny167 Datasheet HTML 39Page - ATMEL Corporation ATtiny167 Datasheet HTML 40Page - ATMEL Corporation ATtiny167 Datasheet HTML 41Page - ATMEL Corporation ATtiny167 Datasheet HTML 42Page - ATMEL Corporation ATtiny167 Datasheet HTML 43Page - ATMEL Corporation ATtiny167 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 282 page
background image
40
7728D–AVR–07/09
ATtiny87/ATtiny167
start-up time, the clock frequency and, of course, if the clock is alive. The user’s code has to
differentiate between ‘no_clock_signal’ and ‘clock_signal_not_yet_available’ condition.
• Bits 3:0 – CLKC3:0: Clock Control Bits 3 - 0
These bits define the command to provide to the ‘Clock Switch’ module. The special write pro-
cedure must be followed to change the CLKC3..0 bits (See ”Bit 7 – CLKCCE: Clock Control
Change Enable” on page 39.).
1.
Write the Clock Control Change Enable (CLKCCE) bit to one and all other bits in
CLKCSR to zero.
2.
Within 4 cycles, write the desired value to CLKCSR register while clearing CLKCCE
bit.
Interrupts should be disabled when setting CLKCSR register in order not to disturb the
procedure.
4.5.4
CLKSELR - Clock Selection Register
• Bit 7– Res: Reserved Bit
This bit is reserved bit in the ATtiny87/167 and will always read as zero.
• Bit 6 – COUT: Clock Out
The COUT bit is initialized with ~(CKOUT) Fuse bit.
The COUT bit is only used in case of ‘CKOUT’ command. Refer to Section 4.2.7 “Clock Output
Buffer” on page 31 for using.
In case of ‘Recover System Clock Source’ command, COUT it is not affected (no recovering of
this setting).
Table 4-11.
Clock command list.
Clock Command
CLKC3..0
No command
0000 b
Disable clock source
0001
b
Enable clock source
0010
b
Request for clock
availability
0011 b
Clock source switch
0100
b
Recover system clock source code
0101
b
Enable watchdog in automatic reload mode
0110 b
CKOUT command
0111
b
No command
1xxx b
Bit
7
6
543
210
-
COUT
CSUT1
CSUT0
CSEL3
CSEL2
CSEL1
CSEL0
CLKSELR
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
~ (CKOUT)
fuse
SUT1..0
fuses
CKSEL3..0
fuses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com