Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 106 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 102Page - ATMEL Corporation ATtiny167 Datasheet HTML 103Page - ATMEL Corporation ATtiny167 Datasheet HTML 104Page - ATMEL Corporation ATtiny167 Datasheet HTML 105Page - ATMEL Corporation ATtiny167 Datasheet HTML 106Page - ATMEL Corporation ATtiny167 Datasheet HTML 107Page - ATMEL Corporation ATtiny167 Datasheet HTML 108Page - ATMEL Corporation ATtiny167 Datasheet HTML 109Page - ATMEL Corporation ATtiny167 Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 282 page
background image
106
7728D–AVR–07/09
ATtiny87/ATtiny167
10.11.7
General Timer/Counter Control Register – GTCCR
• Bit 1 – PSR0: Prescaler Reset Timer/Counter0
When this bit is one, the Timer/Counter0 prescaler will be reset. This bit is normally cleared
immediately by hardware. If the bit is written when Timer/Counter0 is operating in asynchro-
nous mode, the bit will remain one until the prescaler has been reset. The bit will not be
cleared by hardware if the TSM bit is set. Refer to the description of the “Bit 7 – TSM:
Timer/Counter Synchronization Mode” on page 109 for a description of the Timer/Counter
Synchronization mode.
Bit
7
6
5
4
3
2
1
0
TSM
–
–
–
–
–
PSR0
PSR1
GTCCR
Read/Write
R/W
R
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com