Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 111 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 107Page - ATMEL Corporation ATtiny167 Datasheet HTML 108Page - ATMEL Corporation ATtiny167 Datasheet HTML 109Page - ATMEL Corporation ATtiny167 Datasheet HTML 110Page - ATMEL Corporation ATtiny167 Datasheet HTML 111Page - ATMEL Corporation ATtiny167 Datasheet HTML 112Page - ATMEL Corporation ATtiny167 Datasheet HTML 113Page - ATMEL Corporation ATtiny167 Datasheet HTML 114Page - ATMEL Corporation ATtiny167 Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 282 page
background image
111
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 12-1. 16-bit Timer/Counter1 Block Diagram(1)
Note:
1. Refer to Figure 1-2 on page 5, Table 9-6 on page 81, and Table 9-3 on page 76 for
Timer/Counter1 pin placement and description.
12.2.1
Registers
The Timer/Counter (TCNT1), Output Compare Registers (OCR1A/B), and Input Capture Reg-
ister (ICR1) are all 16-bit registers. Special procedures must be followed when accessing the
16-bit registers. These procedures are described in the section “Accessing 16-bit Registers”
on page 112. The Timer/Counter Control Registers (TCCR1A/B) are 8-bit registers and have
no CPU access restrictions. Interrupt requests (abbreviated to Int.Req. in the figure) signals
are all visible in the Timer Interrupt Flag Register (TIFR1). All interrupts are individually
masked with the Timer Interrupt Mask Register (TIMSK1). TIFR1 and TIMSK1 are not shown
in the figure.
ICFn (Int.Req.)
TOVn
(Int.Req.)
Clock Select
Timer/Counter
OCRnA
OCRnB
ICRn
=
=
TCNTn
Waveform
Generation
Waveform
Generation
OCnAU
OCnAV
OCnAW
OCnBU
OCnBV
OCnBW
Noise
Canceler
=
Fixed
TOP
Values
Edge
Detector
Control Logic
= 0
TOP
BOTTOM
Count
Clear
Direction
OCFnA
(Int.Req.)
OCFnB
(Int.Req.)
TCCRnA
TCCRnB
TCCRnC
ICPn
( From Analog Comparator Ouput )
Tn
Edge
Detector
( From Prescaler )
clk
Tn
OCnBX
OCnAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com