Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 250 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 250 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 246Page - ATMEL Corporation ATtiny167 Datasheet HTML 247Page - ATMEL Corporation ATtiny167 Datasheet HTML 248Page - ATMEL Corporation ATtiny167 Datasheet HTML 249Page - ATMEL Corporation ATtiny167 Datasheet HTML 250Page - ATMEL Corporation ATtiny167 Datasheet HTML 251Page - ATMEL Corporation ATtiny167 Datasheet HTML 252Page - ATMEL Corporation ATtiny167 Datasheet HTML 253Page - ATMEL Corporation ATtiny167 Datasheet HTML 254Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 282 page
background image
250
7728D–AVR–07/09
ATtiny87/ATtiny167
22.9
Parallel Programming Characteristics
Figure 22-3. Parallel Programming Timing, Including some General Timing Requirements
Offset error
Gain = 8x or 20x, BIPOLAR
VREF = 4V, Vcc = 5V
ADC clock = 200 kHz
-2.0
0.5
2.0
LSB
Gain = 8x or 20x, UNIPOLAR
VREF = 4V, Vcc = 5V
ADC clock = 200 kHz
-2.0
0.5
2.0
V
REF
Reference voltage
2.56
AVCC - 0.5
V
VDIFF
Input differential voltage
-VREF/Gain
+VREF/Gain
V
AVcc
Analog supply voltage
Vcc - 0.3
Vcc + 0.3
V
VIN
Input voltage
Differential conversion
0
AVcc
V
ADC conversion output
-511
+511
LSB
Input bandwidth
Differential conversion
4
kHz
VINT
Internal voltage reference
2.4
2.56
2.7
V
RREF
Reference input resistance
32
k
Ω
RAIN
Analog input resistance
100
M
Ω
Table 22-10. ADC Characteristics, Differential Channels (-40°C/+125°C) (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
RDY/BSY
WR
Data & Contol
(DATA, XA0,
XA1/BS2,
PAGEL/BS1)
XTAL1
tXHXL
tWLWH
tRLRH
tDVXH
tXLDX
tPLWL
tWLRH
tPLBX
tBVPH
tXLWL
tWLBX
t BVWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com