Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 263 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 263 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 259Page - ATMEL Corporation ATtiny167 Datasheet HTML 260Page - ATMEL Corporation ATtiny167 Datasheet HTML 261Page - ATMEL Corporation ATtiny167 Datasheet HTML 262Page - ATMEL Corporation ATtiny167 Datasheet HTML 263Page - ATMEL Corporation ATtiny167 Datasheet HTML 264Page - ATMEL Corporation ATtiny167 Datasheet HTML 265Page - ATMEL Corporation ATtiny167 Datasheet HTML 266Page - ATMEL Corporation ATtiny167 Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 282 page
background image
263
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 24-13. Reset Pull-up Resistor Current vs. Reset Pin Voltage (VCC = 5V)
24.6
Pin Driver Strength
Figure 24-14. I/O Pin Output Voltage vs. Sink Current (VCC = 3V)
RESET PULL-UP RESISTOR CURRENT vs. RESET PIN VOLTAGE
Vcc = 5.0 V
-20
0
20
40
60
80
100
120
01
2
3
4
5
6
V
RESET (V )
150
125
85
25
-40
I/O PIN OUTPUT VOLTAGE vs. SINK CURRENT
Vcc = 3.0 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
121416
18
I
OL (mA )
150
125
85
25
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com