Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 145 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 141Page - ATMEL Corporation ATtiny84 Datasheet HTML 142Page - ATMEL Corporation ATtiny84 Datasheet HTML 143Page - ATMEL Corporation ATtiny84 Datasheet HTML 144Page - ATMEL Corporation ATtiny84 Datasheet HTML 145Page - ATMEL Corporation ATtiny84 Datasheet HTML 146Page - ATMEL Corporation ATtiny84 Datasheet HTML 147Page - ATMEL Corporation ATtiny84 Datasheet HTML 148Page - ATMEL Corporation ATtiny84 Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 236 page
background image
145
8006H–AVR–10/09
ATtiny24/44/84
16.13 Register Description
16.13.1
ADMUX – ADC Multiplexer Selection Register
• Bit 7:6 – REFS1:REFS0: Reference Selection Bits
These bits select the voltage reference for the ADC, as shown in Table 16-3.
If these bits are changed during a conversion, the change will not go in effect until this
conversion is complete (ADIF in ADCSR is set). Also note, that when these bits are changed,
the next conversion will take 25 ADC clock cycles.
Special care should be taken when changing differential channels. Once a differential channel
has been selected the input stage may take a while to stabilize. It is therefore recommended to
force the ADC to perform a long conversion when changing multiplexer or voltage reference set-
tings. This can be done by first turning off the ADC, then changing reference settings and then
turn on the ADC. Alternatively, the first conversion results after changing reference settings
should be discarded.
It is not recommended to use an external AREF higher than (V
CC - 1V) for channels with differ-
ential gain, as this will affect ADC accuracy.
Internal voltage reference options may not be used if an external voltage is being applied to the
AREF pin.
• Bits 5:0 – MUX5:0: Analog Channel and Gain Selection Bits
The value of these bits selects which combination of analog inputs are connected to the ADC. In
case of differential input, gain selection is also made with these bits. Selections on Table 16-4 on
page 146 show values for single endid channels and where the differential channels as well as
the offset calibration selections are located. Selecting the single-ended channel ADC8 enables
the temperature measurement. See Table 16-4 on page 146 for details. If these bits are
changed during a conversion, the change will not go into effect until this conversion is complete
(ADIF in ADCSRA is set).
Special care should be taken when changing differential channels. Once a differential channel
has been selected the input stage may take a while to stabilize. It is therefore recommended to
force the ADC to perform a long conversion when changing multiplexer settings. This can be
Bit
765
432
10
0x07 (0x27)
REFS1
REFS0
MUX5
MUX4
MUX3
MUX2
MUX1
MUX0
ADMUX
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 16-3.
Voltage Reference Selections for ADC
REFS1
REFS0
Voltage Reference Selection
00
V
CC used as analog reference, disconnected from PA0 (AREF)
0
1
External voltage reference at PA0 (AREF) pin, internal reference turned off
1
0
Internal 1.1V voltage reference
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com