Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 147 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 143Page - ATMEL Corporation ATtiny84 Datasheet HTML 144Page - ATMEL Corporation ATtiny84 Datasheet HTML 145Page - ATMEL Corporation ATtiny84 Datasheet HTML 146Page - ATMEL Corporation ATtiny84 Datasheet HTML 147Page - ATMEL Corporation ATtiny84 Datasheet HTML 148Page - ATMEL Corporation ATtiny84 Datasheet HTML 149Page - ATMEL Corporation ATtiny84 Datasheet HTML 150Page - ATMEL Corporation ATtiny84 Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 236 page
background image
147
8006H–AVR–10/09
ATtiny24/44/84
For offset calibration purpose the offset of the certain differential channels can be measure by
selecting the same input for both negative and positive input. This calibration can be done for
ADC0, ADC3 and ADC7. “Operation” on page 133 describes offset calibration in a more detailed
level.
16.13.2
ADCSRA – ADC Control and Status Register A
• Bit 7 – ADEN: ADC Enable
Writing this bit to one enables the ADC. By writing it to zero, the ADC is turned off. Turning the
ADC off while a conversion is in progress, will terminate this conversion.
• Bit 6 – ADSC: ADC Start Conversion
In Single Conversion mode, write this bit to one to start each conversion. In Free Running mode,
write this bit to one to start the first conversion. The first conversion after ADSC has been written
ADC3 (PA3)
ADC0 (PA0)
101010
101011
ADC1 (PA1)
101110
101111
ADC2 (PA2)
110000
110001
ADC3 (PA3)(1)
100100
100101
ADC4 (PA4
010010
010011
ADC5 (PA5)
010100
010101
ADC6 (PA6)
010110
010111
ADC7 (PA7)
011000
011001
ADC4 (PA4)
ADC3 (PA3)
110010
110011
ADC5 (PA5)
011010
011011
ADC5 (PA5)
ADC3 (PA3)
110100
110101
ADC4 (PA4)
111010
111011
ADC6 (PA6)
011100
011101
ADC6 (PA6)
ADC3 (PA3)
110110
110111
ADC5 (PA5)
111100
111101
ADC7 (PA7)
011110
011111
ADC7 (PA7)
ADC3 (PA3)
111000
111001
ADC6 (PA6)
111110
111111
ADC7 (PA7)(1)
100110
100111
1.
For offset calibration, only. See “Operation” on page 133.
Table 16-5.
Differential Input channel Selections. (Continued)
Positive Differential Input
Negative Differential Input
MUX5:0
Gain 1x
Gain 20x
Bit
7654
321
0
0x06 (0x26)
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
ADCSRA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com