Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 146 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 146 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 142Page - ATMEL Corporation ATtiny84 Datasheet HTML 143Page - ATMEL Corporation ATtiny84 Datasheet HTML 144Page - ATMEL Corporation ATtiny84 Datasheet HTML 145Page - ATMEL Corporation ATtiny84 Datasheet HTML 146Page - ATMEL Corporation ATtiny84 Datasheet HTML 147Page - ATMEL Corporation ATtiny84 Datasheet HTML 148Page - ATMEL Corporation ATtiny84 Datasheet HTML 149Page - ATMEL Corporation ATtiny84 Datasheet HTML 150Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 236 page
background image
146
8006H–AVR–10/09
ATtiny24/44/84
done by first turning off the ADC, then changing multiplexer settings and then turn on the ADC.
Alternatively, the first conversion results after changing multiplexer settings should be discarded.
Notes:
1. See Table 16-5 for details.
2. See “Temperature Measurement” on page 144.
3. For offset calibration, only. See Table 16-5 on page 146 and “Operation” on page 133.
See Table 16-5 for details of selections of differential input channel selections as well as selec-
tions of offset calibration channels. MUX0 bit works as a gain selection bit for differential
channels. When MUX0 is cleared (‘0’) 1x gain is selected and when it is set (‘1’) 20x gain is
selected. For normal differential channel pairs MUX5 bit work as a polarity reversal bit. Toggling
of the MUX5 bit exhanges the positive and negative channel other way a round.
Table 16-4.
Single-Ended Input channel Selections.
Single Ended Input
MUX5:0
ADC0 (PA0)
000000
ADC1 (PA1)
000001
ADC2 (PA2)
000010
ADC3 (PA3)
000011
ADC4 (PA4)
000100
ADC5 (PA5)
000101
ADC6 (PA6)
000110
ADC7 (PA7)
000111
Reserved for differential channels(1)
001000 - 011111
0V (AGND)
100000
1.1V (I Ref)
100001
ADC8(2)
100010
Reserved for offset calibration(3)
100011 - 100111
Reserved for reversal differential channels(1)
101000 - 111111
Table 16-5.
Differential Input channel Selections.
Positive Differential Input
Negative Differential Input
MUX5:0
Gain 1x
Gain 20x
ADC0 (PA0)
ADC0 (PA0) (1)
N/A
100011
ADC1 (PA1)
001000
001001
ADC3 (PA3)
001010
001011
ADC1 (PA1)
ADC0 (PA0)
101000
101001
ADC2 (PA2)
001100
001101
ADC3 (PA3)
001110
001111
ADC2 (PA2)
ADC1 (PA1)
101100
101101
ADC3 (PA3)
010000
010001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com