Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 65Page - ATMEL Corporation ATtiny261A Datasheet HTML 66Page - ATMEL Corporation ATtiny261A Datasheet HTML 67Page - ATMEL Corporation ATtiny261A Datasheet HTML 68Page - ATMEL Corporation ATtiny261A Datasheet HTML 69Page - ATMEL Corporation ATtiny261A Datasheet HTML 70Page - ATMEL Corporation ATtiny261A Datasheet HTML 71Page - ATMEL Corporation ATtiny261A Datasheet HTML 72Page - ATMEL Corporation ATtiny261A Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 292 page
background image
69
8197A–AVR–10/09
ATtiny261A/461A/861A
11. Timer/Counter0
11.1 Features
• Clear Timer on Compare Match (Auto Reload)
• One Input Capture unit
• Four Independent Interrupt Sources (TOV0, OCF0A, OCF0B, ICF0)
• 8-bit Mode with Two Independent Output Compare Units
• 16-bit Mode with One Independent Output Compare Unit
11.2 Overview
Timer/Counter0 is a general purpose 8/16-bit Timer/Counter module, with two/one Output Com-
pare units and Input Capture feature.
The general operation of Timer/Counter0 is described in 8/16-bit mode. A simplified block dia-
gram of the 8/16-bit Timer/Counter is shown in Figure 11-1. CPU accessible I/O Registers,
including I/O bits and I/O pins, are shown in bold. For actual placement of I/O pins, refer to “Pin-
out ATtiny261A/461A/861A” on page 2. Device-specific I/O Register and bit locations are listed
in the “Register Description” on page 82.
Figure 11-1. 8-/16-bit Timer/Counter Block Diagram
11.2.1
Registers
The Timer/Counter0 Low Byte Register (TCNT0L) and Output Compare Registers (OCR0A and
OCR0B) are 8-bit registers. Interrupt request (abbreviated Int.Req. in Figure 11-1) signals are all
Clock Select
Timer/Counter
OCRnB
=
TCNTnL
Noise
Canceler
ICPn
=
Edge
Detector
Control Logic
TOP
Count
Clear
Direction
TOVn (Int. Req.)
OCnA (Int. Req.)
OCnB (Int. Req.)
ICFn (Int. Req.)
TCCRnA
TCCRnB
( From Analog
Comparator Ouput )
Tn
Edge
Detector
( From Prescaler )
clk
Tn
=
OCRnA
TCNTnH
Fixed TOP value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com