Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 58Page - ATMEL Corporation ATtiny261A Datasheet HTML 59Page - ATMEL Corporation ATtiny261A Datasheet HTML 60Page - ATMEL Corporation ATtiny261A Datasheet HTML 61Page - ATMEL Corporation ATtiny261A Datasheet HTML 62Page - ATMEL Corporation ATtiny261A Datasheet HTML 63Page - ATMEL Corporation ATtiny261A Datasheet HTML 64Page - ATMEL Corporation ATtiny261A Datasheet HTML 65Page - ATMEL Corporation ATtiny261A Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 292 page
background image
62
8197A–AVR–10/09
ATtiny261A/461A/861A
• Port A, Bit 5 - ADC4/AIN2/PCINT5
• ADC4: Analog to Digital Converter, Channel 4.
• AIN2: Analog Comparator Input. Configure the port pin as input with the internal pull-up
switched off to avoid the digital port function from interfering with the function of the Analog
Comparator.
• PCINT5: Pin Change Interrupt source 5.
• Port A, Bit 4 - ADC3/ICP0/PCINT4
• ADC3: Analog to Digital Converter, Channel 3.
• ICP0: Timer/Counter0 Input Capture Pin.
• PCINT4: Pin Change Interrupt source 4.
• Port A, Bit 3 - AREF/PCINT3
• AREF: External analog reference for ADC. Pullup and output driver are disabled on PA3
when the pin is used as an external reference or internal voltage reference with external
capacitor at the AREF pin.
• PCINT3: Pin Change Interrupt source 3.
• Port A, Bit 2 - ADC2/INT1/USCK/SCL/PCINT2
• ADC2: Analog to Digital Converter, Channel 2.
• INT1: The PA2 pin can serve as an External Interrupt source 1.
• USCK: Three-wire mode Universal Serial Interface Clock.
• SCL: Two-wire mode Serial Clock for USI Two-wire mode.
• PCINT2: Pin Change Interrupt source 2.
• Port A, Bit 1 - ADC1/DO/PCINT1
• ADC1: Analog to Digital Converter, Channel 1.
• DO: Three-wire mode Universal Serial Interface Data output. Three-wire mode Data output
overrides PORTA1 value and it is driven to the port when data direction bit DDA1 is set.
PORTA1 still enables the pull-up, if the direction is input and PORTA1 is set.
• PCINT1: Pin Change Interrupt source 1.
• Port A, Bit 0 - ADC0/DI/SDA/PCINT0
• ADC0: Analog to Digital Converter, Channel 0.
• DI: Data Input in USI Three-wire mode. USI Three-wire mode does not override normal port
functions, so pin must be configure as an input for DI function.
• SDA: Two-wire mode Serial Interface Data.
• PCINT0: Pin Change Interrupt source 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com