Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 11Page - ATMEL Corporation ATtiny261A Datasheet HTML 12Page - ATMEL Corporation ATtiny261A Datasheet HTML 13Page - ATMEL Corporation ATtiny261A Datasheet HTML 14Page - ATMEL Corporation ATtiny261A Datasheet HTML 15Page - ATMEL Corporation ATtiny261A Datasheet HTML 16Page - ATMEL Corporation ATtiny261A Datasheet HTML 17Page - ATMEL Corporation ATtiny261A Datasheet HTML 18Page - ATMEL Corporation ATtiny261A Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 292 page
background image
15
8197A–AVR–10/09
ATtiny261A/461A/861A
5. Memories
This section describes the different memories of the ATtiny261A/461A/861A. The AVR architec-
ture has two main memory spaces, the Data memory and the Program memory space. In
addition, the ATtiny261A/461A/861A features an EEPROM Memory for data storage. All three
memory spaces are linear and regular.
5.1
In-System Re-programmable Flash Program Memory
The ATtiny261A/461A/861A contains 2/4/8K byte On-chip In-System Reprogrammable Flash
memory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is orga-
nized as 1024/2048/4096 x 16.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The
ATtiny261A/461A/861A Program Counter (PC) is 10/11/12 bits wide, thus capable of addressing
the 1024/2048/4096 Program memory locations. “Memory Programming” on page 167 contains
a detailed description on Flash data serial downloading using the SPI pins.
Constant tables can be allocated within the entire address space of program memory (see the
LPM – Load Program memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 12.
Figure 5-1.
Program Memory Map
5.2
SRAM Data Memory
Figure 5-2 on page 16 shows how the ATtiny261A/461A/861A SRAM Memory is organized.
The lower data memory locations address both the Register File, the I/O memory and the inter-
nal data SRAM. The first 32 locations address the Register File, the next 64 locations the
standard I/O memory, and the last 128/256/512 locations address the internal data SRAM.
The five different addressing modes for the Data memory cover: Direct, Indirect with Displace-
ment, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In the Register
File, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address given
by the Y- or Z-register.
0x0000
0x03FF/0x07FF/0x0FFF
Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com