Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 3 Page - ATMEL Corporation

  ATtiny261A Datasheet HTML 1Page - ATMEL Corporation ATtiny261A Datasheet HTML 2Page - ATMEL Corporation ATtiny261A Datasheet HTML 3Page - ATMEL Corporation ATtiny261A Datasheet HTML 4Page - ATMEL Corporation ATtiny261A Datasheet HTML 5Page - ATMEL Corporation ATtiny261A Datasheet HTML 6Page - ATMEL Corporation ATtiny261A Datasheet HTML 7Page - ATMEL Corporation ATtiny261A Datasheet HTML 8Page - ATMEL Corporation ATtiny261A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 292 page
background image
3
8197A–AVR–10/09
ATtiny261A/461A/861A
1.1
Pin Descriptions
1.1.1
VCC
Supply voltage.
1.1.2
GND
Ground.
1.1.3
AVCC
Analog supply voltage. This is the supply voltage pin for the Analog-to-digital Converter (ADC),
the analog comparator, the Brown-Out Detector (BOD), the internal voltage reference and Port
A. It should be externally connected to VCC, even if some peripherals such as the ADC are not
used. If the ADC is used AVCC should be connected to VCC through a low-pass filter.
1.1.4
AGND
Analog ground.
1.1.5
Port A (PA7:PA0)
An 8-bit, bi-directional I/O port with internal pull-up resistors, individually selectable for each bit.
Output buffers have symmetrical drive characteristics with both high sink and source capability.
As inputs, port pins that are externally pulled low will source current if pull-up resistors have
been activated. Port pins are tri-stated when a reset condition becomes active, even if the clock
is not running.
Port A also serves the functions of various special features of the device, as listed on page 61.
1.1.6
Port B (PB7:PB0)
An 8-bit, bi-directional I/O port with internal pull-up resistors, individually selectable for each bit.
Output buffers have symmetrical drive characteristics with both high sink and source capability.
As inputs, port pins that are externally pulled low will source current if pull-up resistors have
been activated. Port pins are tri-stated when a reset condition becomes active, even if the clock
is not running.
Port B also serves the functions of various special features of the device, as listed on page 64.
1.1.7
RESET
Reset input. A low level on this pin for longer than the minimum pulse length will generate a
reset, even if the clock is not running and provided the reset pin has not been disabled. The min-
imum pulse length is given in Table 19-4 on page 187. Shorter pulses are not guaranteed to
generate a reset.
The reset pin can also be used as a (weak) I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com