Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 94 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 90Page - ATMEL Corporation ATtiny261A Datasheet HTML 91Page - ATMEL Corporation ATtiny261A Datasheet HTML 92Page - ATMEL Corporation ATtiny261A Datasheet HTML 93Page - ATMEL Corporation ATtiny261A Datasheet HTML 94Page - ATMEL Corporation ATtiny261A Datasheet HTML 95Page - ATMEL Corporation ATtiny261A Datasheet HTML 96Page - ATMEL Corporation ATtiny261A Datasheet HTML 97Page - ATMEL Corporation ATtiny261A Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 292 page
background image
94
8197A–AVR–10/09
ATtiny261A/461A/861A
12.6 Dead Time Generator
The Dead Time Generator is provided for the Timer/Counter1 PWM output pairs to allow driving
external power control switches safely. The Dead Time Generator is a separate block that can
be used to insert dead times (non-overlapping times) for the Timer/Counter1 complementary
output pairs OC1x and OC1x when the PWM mode is enabled and the COM1x1:0 bits are set to
“01”. See Figure 12-7 below.
Figure 12-7. Block Diagram of Waveform Generator and Dead Time Generator.
The tasks are shared as follows: the Waveform Generator generates the output (OCW1x) and
the Dead Time Generator generates the non-overlapping PWM output pair from the output.
Three Dead Time Generators are provided, one for each PWM output. The non-overlap time is
adjustable and the PWM output and it’s complementary output are adjusted separately, and
independently for both PWM outputs.
The Dead Time Generation is based on 4-bit down counters that count the dead time, as shown
in Figure 12-8.
Figure 12-8. Dead Time Generator
There is a dedicated prescaler in front of the Dead Time Generator that can divide the
Timer/Counter1 clock (PCK or CK) by 1, 2, 4 or 8. This provides for large range of dead times
that can be generated. The prescaler is controlled by two control bits DTPS11:10. The block has
also a rising and falling edge detector that is used to start the dead time counting period.
Depending on the edge, one of the transitions on the rising edges, OC1x or OC1x is delayed
until the counter has counted to zero. The comparator is used to compare the counter with zero
and stop the dead time insertion when zero has been reached. The counter is loaded with a 4-bit
DT1H or DT1L value from DT1 I/O register, depending on the edge of the Waveform Output
(OCW1x) when the dead time insertion is started. The Output Compare Output are delayed by
one timer clock cycle at minimum from the Waveform Output when the Dead Time is adjusted to
OCnx
pin
WGM10
Waveform Generator
top
FOCn
COMnx
bottom
PWMnx
OCWnx
Dead Time Generator
OCnx
pin
DTnH
DTnL
DTPSn
CK OR PCK
CLOCK
OCnx
OCnx
CLOCK CONTROL
OCnx
OCnx
CK OR PCK
CLOCK
OCWnx
4-BIT COUNTER
COMPARATOR
DEAD TIME
PRE-SCALER
DTn I/O REGISTER
DATA BUS (8-bit)
TCCRnB REGISTER
PWM1X
PWM1X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com