Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 5 Page - ATMEL Corporation

  ATtiny261A Datasheet HTML 1Page - ATMEL Corporation ATtiny261A Datasheet HTML 2Page - ATMEL Corporation ATtiny261A Datasheet HTML 3Page - ATMEL Corporation ATtiny261A Datasheet HTML 4Page - ATMEL Corporation ATtiny261A Datasheet HTML 5Page - ATMEL Corporation ATtiny261A Datasheet HTML 6Page - ATMEL Corporation ATtiny261A Datasheet HTML 7Page - ATMEL Corporation ATtiny261A Datasheet HTML 8Page - ATMEL Corporation ATtiny261A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 292 page
background image
5
8197A–AVR–10/09
ATtiny261A/461A/861A
The ATtiny261A/461A/861A provides the following features: 2/4/8K byte of In-System Program-
mable Flash, 128/256/512 bytes EEPROM, 128/256/512 bytes SRAM, 16 general purpose I/O
lines, 32 general purpose working registers, an 8-bit Timer/Counter with compare modes, an 8-
bit high speed Timer/Counter, a Universal Serial Interface, Internal and External Interrupts, an
11-channel, 10-bit ADC, a programmable Watchdog Timer with internal oscillator, and four soft-
ware selectable power saving modes. Idle mode stops the CPU while allowing the SRAM,
Timer/Counter, ADC, Analog Comparator, and Interrupt system to continue functioning. Power-
down mode saves the register contents, disabling all chip functions until the next Interrupt or
Hardware Reset. ADC Noise Reduction mode stops the CPU and all I/O modules except ADC,
to minimize switching noise during ADC conversions. In Standby mode, the crystal/resonator
oscillator is running while the rest of the device is sleeping, allowing very fast start-up combined
with low power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip ISP Flash allows the Program memory to be re-programmed In-System through an SPI
serial interface, by a conventional non-volatile memory programmer or by an On-chip boot code
running on the AVR core.
The ATtiny261A/461A/861A AVR is supported by a full suite of program and system develop-
ment tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators, and
Evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com