Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 74Page - ATMEL Corporation ATtiny261A Datasheet HTML 75Page - ATMEL Corporation ATtiny261A Datasheet HTML 76Page - ATMEL Corporation ATtiny261A Datasheet HTML 77Page - ATMEL Corporation ATtiny261A Datasheet HTML 78Page - ATMEL Corporation ATtiny261A Datasheet HTML 79Page - ATMEL Corporation ATtiny261A Datasheet HTML 80Page - ATMEL Corporation ATtiny261A Datasheet HTML 81Page - ATMEL Corporation ATtiny261A Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 292 page
background image
78
8197A–AVR–10/09
ATtiny261A/461A/861A
Figure 11-9. Timer/Counter Timing Diagram, Setting of OCF0x, with Prescaler (fclk_I/O/8)
Figure 11-10 shows the setting of OCF0A and the clearing of TCNT0 in CTC mode.
Figure 11-10. Timer/Counter Timing Diagram, CTC mode, with Prescaler (fclk_I/O/8)
11.9 Accessing Registers in 16-bit Mode
In 16-bit mode (the TCW0 bit is set to one) the TCNT0H/L and OCR0A/B or TCNT0L/H and
OCR0B/A are 16-bit registers that can be accessed by the AVR CPU via the 8-bit data bus. The
16-bit register must be byte accessed using two read or write operations. The 16-bit
Timer/Counter has a single 8-bit register for temporary storing of the high byte of the 16-bit
access. The same temporary register is shared between all 16-bit registers. Accessing the low
byte triggers the 16-bit read or write operation. When the low byte of a 16-bit register is written
by the CPU, the high byte stored in the temporary register, and the low byte written are both cop-
ied into the 16-bit register in the same clock cycle. When the low byte of a 16-bit register is read
by the CPU, the high byte of the 16-bit register is copied into the temporary register in the same
clock cycle as the low byte is read.
There is one exception in the temporary register usage. In the Output Compare mode the 16-bit
Output Compare Register OCR0A/B is read without the temporary register, because the Output
Compare Register contains a fixed value that is only changed by CPU access. However, in 16-
bit Input Capture mode the ICR0 register formed by the OCR0A and OCR0B registers must be
accessed with the temporary register.
To do a 16-bit write, the high byte must be written before the low byte. For a 16-bit read, the low
byte must be read before the high byte.
OCFnx
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2
clk
I/O
clk
Tn
(clk
I/O/8)
OCFnx
OCRnx
TCNTn
(CTC)
TOP
TOP - 1
TOP
BOTTOM
BOTTOM + 1
clk
PCK
clk
Tn
(clk
PCK /8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com