Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 115 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 111Page - ATMEL Corporation ATtiny261A Datasheet HTML 112Page - ATMEL Corporation ATtiny261A Datasheet HTML 113Page - ATMEL Corporation ATtiny261A Datasheet HTML 114Page - ATMEL Corporation ATtiny261A Datasheet HTML 115Page - ATMEL Corporation ATtiny261A Datasheet HTML 116Page - ATMEL Corporation ATtiny261A Datasheet HTML 117Page - ATMEL Corporation ATtiny261A Datasheet HTML 118Page - ATMEL Corporation ATtiny261A Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 292 page
background image
115
8197A–AVR–10/09
ATtiny261A/461A/861A
12.12.3
TCCR1C – Timer/Counter1 Control Register C
• Bits 7,6 - COM1A1S, COM1A0S: Comparator A Output Mode, Shadow Bits 1 and 0
These are shadow bits of COM1A1 and COM1A0 in TCCR1A. Writing to bits COM1A1S and
COM1A0S will also change bits COM1A1 and COM1A0 in TCCR1A. Similary, changes written
to bits COM1A1 and COM1A0 in TCCR1A will show here.
See “TCCR1A – Timer/Counter1 Control Register A” on page 110 for information on bit usage.
• Bits 5,4 - COM1B1S, COM1B0S: Comparator B Output Mode, Shadow Bits 1 and 0
These are shadow bits of COM1B1 and COM1B0 in TCCR1A. Writing to bits COM1B1S and
COM1B0S will also change bits COM1B1 and COM1B0 in TCCR1A. Similary, changes written
to bits COM1B1 and COM1B0 in TCCR1A will show here.
See “TCCR1A – Timer/Counter1 Control Register A” on page 110 for information on bit usage.
• Bits 3,2 - COM1D1, COM1D0: Comparator D Output Mode, Bits 1 and 0
These bits control the behaviour of the Waveform Output (OCW1D) and the connection of the
Output Compare pin (OC1D). If one or both of the COM1D1:0 bits are set, the OC1D output
overrides the normal port functionality of the I/O pin it is connected to. The complementary
OC1D output is connected only in PWM modes when the COM1D1:0 bits are set to “01”. Note
that the Data Direction Register (DDR) bit corresponding to the OC1D pin must be set in order to
enable the output driver.
The function of the COM1D1:0 bits depends on the PWM1D and WGM11:10 bit settings. Table
12-18 shows the COM1D1:0 bit functionality when the PWM1D bit is set to a Normal Mode (non-
PWM).
Table 12-19 shows the COM1D1:0 bit functionality when the PWM1D and WGM11:10 bits are
set to Fast PWM Mode.
Bit
7654
3
2
1
0
0x27 (0x47)
COM1A1S
COM1A0S
COM1B1S
COM1B0S
COM1D1
COM1D0
FOC1D
PWM1D
TCCR1C
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
Table 12-18. Compare Output Mode, Normal Mode (non-PWM)
COM1D1:0
OCW1D Behaviour
OC1D Pin
OC1D Pin
00
Normal port operation.
Disconnected
Disconnected
01
Toggle on Compare Match.
Connected
Disconnected
10
Clear on Compare Match.
Connected
Disconnected
11
Set on Compare Match.
Connected
Disconnected
Table 12-19. Compare Output Mode, Fast PWM Mode
COM1D1:0
OCW1D Behaviour
OC1D Pin
OC1D Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match. Set when TCNT1=0x000.
Connected
Connected
10
Cleared on Compare Match. Set when TCNT1=0x000.
Connected
Disconnected
11
Set on Compare Match. Cleared when TCNT1=0x000.
Connected
Disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com