Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 155 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 151Page - ATMEL Corporation ATtiny261A Datasheet HTML 152Page - ATMEL Corporation ATtiny261A Datasheet HTML 153Page - ATMEL Corporation ATtiny261A Datasheet HTML 154Page - ATMEL Corporation ATtiny261A Datasheet HTML 155Page - ATMEL Corporation ATtiny261A Datasheet HTML 156Page - ATMEL Corporation ATtiny261A Datasheet HTML 157Page - ATMEL Corporation ATtiny261A Datasheet HTML 158Page - ATMEL Corporation ATtiny261A Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 292 page
background image
155
8197A–AVR–10/09
ATtiny261A/461A/861A
• Bit 7:6 – REFS1:REFS0: Voltage Reference Selection Bits
These bits together with the REFS2 bit from the ADC Control and Status Register B (ADCSRB)
select the voltage reference for the ADC, as shown in Table 15-4.
If these bits are changed during a conversion, the change will not go in effect until this conver-
sion is complete (ADIF in ADCSR is set). Also note, that when these bits are changed, the next
conversion will take 25 ADC clock cycles.
Special care should be taken when changing differential channels. Once a differential channel
has been selected the input stage may take a while to stabilize. It is therefore recommended to
force the ADC to perform a long conversion when changing multiplexer or voltage reference set-
tings. This can be done by first turning off the ADC, then changing reference settings and then
turn on the ADC. Alternatively, the first conversion results after changing reference settings
should be discarded.
It is not recommended to use an external AREF higher than (VCC - 1V) for channels with differ-
ential gain, as this will affect ADC accuracy.
Internal voltage reference options may not be used if an external voltage is being applied to the
AREF pin.
• Bit 5 – ADLAR: ADC Left Adjust Result
The ADLAR bit affects the presentation of the ADC conversion result in the ADC Data Register.
Write one to ADLAR to left adjust the result. Otherwise, the result is right adjusted. Changing the
ADLAR bit will affect the ADC Data Register immediately, regardless of any ongoing conver-
sions. For a comple te description of this bit, see “ADCL and ADCH – The ADC Data Register”
on page 154.
• Bits 4:0 – MUX4:0: Analog Channel and Gain Selection Bits
These bits and the MUX5 bit from the ADC Control and Status Register B (ADCSRB) select
which combination of analog inputs are connected to the ADC. In case of differential input, gain
selection is also made with these bits. Selecting the same pin as both inputs to the differential
Table 15-4.
Voltage Reference Selections for ADC
REFS2
REFS1
REFS0
Voltage Reference Selection
X0
0
VCC used as voltage reference,
disconnected from AREF
X0
1
External voltage reference at AREF pin,
internal voltage reference turned off
0
1
0
Internal 1.1V voltage reference
0
1
1
Reserved
110
Internal 2.56V voltage reference (
VCC > 3.0V),
without external bypass capacitor,
disconnected from AREF
111
Internal 2.56V voltage reference (
VCC > 3.0V),
with external bypass capacitor at AREF pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com