Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 179 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 175Page - ATMEL Corporation ATtiny261A Datasheet HTML 176Page - ATMEL Corporation ATtiny261A Datasheet HTML 177Page - ATMEL Corporation ATtiny261A Datasheet HTML 178Page - ATMEL Corporation ATtiny261A Datasheet HTML 179Page - ATMEL Corporation ATtiny261A Datasheet HTML 180Page - ATMEL Corporation ATtiny261A Datasheet HTML 181Page - ATMEL Corporation ATtiny261A Datasheet HTML 182Page - ATMEL Corporation ATtiny261A Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 292 page
background image
179
8197A–AVR–10/09
ATtiny261A/461A/861A
Figure 18-4. Addressing the Flash Which is Organized in Pages
Note:
PCPAGE and PCWORD are listed in Table 18-7 on page 170.
In the figure below, “XX” means don’t care. The numbers in the figure refer to the programming
description above.
WR
Figure 18-5. Flash Programming Waveforms
18.7.6
Programming the EEPROM
The EEPROM is organized in pages, see Table 18-8 on page 170. When programming the
EEPROM, the program data is latched into a page buffer. This allows one page of data to be
PROGRAM MEMORY
WORD ADDRESS
WITHIN A PAGE
PAGE ADDRESS
WITHIN THE FLASH
INSTRUCTION WORD
PAGE
PCWORD[PAGEMSB:0]:
00
01
02
PAGEEND
PAGE
PCWORD
PCPAGE
PCMSB
PAGEMSB
PROGRAM
COUNTER
0x10
ADDR. LOW
DATA LOW
ADDR. HIGH
DATA HIGH
DATA LOW
ADDR. LOW
DATA HIGH
DATA
XA1 / BS2
XA0
PAGEL / BS1
XTAL1
WR
RDY / BSY
RESET +12V
OE
XXX
1
STEP
7
5
6
4
3
2
4
3
2
8
0x00
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com