Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 285 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 285 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 281Page - ATMEL Corporation ATtiny261A Datasheet HTML 282Page - ATMEL Corporation ATtiny261A Datasheet HTML 283Page - ATMEL Corporation ATtiny261A Datasheet HTML 284Page - ATMEL Corporation ATtiny261A Datasheet HTML 285Page - ATMEL Corporation ATtiny261A Datasheet HTML 286Page - ATMEL Corporation ATtiny261A Datasheet HTML 287Page - ATMEL Corporation ATtiny261A Datasheet HTML 288Page - ATMEL Corporation ATtiny261A Datasheet HTML 289Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 292 page
background image
285
8197A–AVR–10/09
ATtiny261A/461A/861A
26. Datasheet Revision History
26.1 Rev. 8197A – 10/09
1. Initial revision created from document 2588C (ATtiny261/461/861)
2. Updated "Ordering Information" on page 277, page 278 and page 279. Pb-plated pack-
ages are no longer offered and there are no separate ordering codes for commercial
operation range, the only available option now is industrial. Also, added new package
options
3. Added sections:
– “Software BOD Disable” on page 35
– “ATtiny461A” on page 221
– “ATtiny861A” on page 247
4. Updated sections:
– “Stack Pointer” on page 11
– “OSCCAL – Oscillator Calibration Register” on page 32
– “MCUCR – MCU Control Register” on page 37
– “MCUCR – MCU Control Register” on page 50
– “MCUCR – MCU Control Register” on page 67
– “Speed Grades” on page 185
– “Enhanced Power-On Reset” on page 187
– “ATtiny261A” on page 195
– “Register Summary” on page 273
5. Updated tables:
– “DC Characteristics. TA = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise
noted).” on page 184
– “Additional Current Consumption for the different I/O modules (absolute values).” on
page 193
– “Additional Current Consumption (percentage) in Active and Idle mode.” on page
194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com