Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940CMS Datasheet(PDF) 7 Page - Linear Technology

Part # LT2940CMS
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CMS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT2940CMS Datasheet HTML 3Page - Linear Technology LT2940CMS Datasheet HTML 4Page - Linear Technology LT2940CMS Datasheet HTML 5Page - Linear Technology LT2940CMS Datasheet HTML 6Page - Linear Technology LT2940CMS Datasheet HTML 7Page - Linear Technology LT2940CMS Datasheet HTML 8Page - Linear Technology LT2940CMS Datasheet HTML 9Page - Linear Technology LT2940CMS Datasheet HTML 10Page - Linear Technology LT2940CMS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT2940
7
2940f
TYPICAL PERFORMANCE CHARACTERISTICS
PMON Input Feedthrough
vs Frequency
PMON Frequency Response
to Voltage Sense
PMON Frequency Response
to Current Sense
IMON Frequency Response
to Current Sense
Open Collector Current
vs Open Collector Voltage
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
SEE TEST CIRCUITS FOR LOADING CONDITIONS
–30
–10
100
100k
1M
10M
–60
–50
1k
10k
0
–20
–40
2940 G14
VV = ±2VPK
VI = 0mV, dV = 0
VI = ±200mVPK
VV = 0V, dI = 0
RELATIVE TO ±1VPK
RPMON = 5k ON 2VDC BIAS
TA = 25°C
FREQUENCY (Hz)
SEE TEST CIRCUITS FOR LOADING CONDITIONS
–30
–10
100
100k
1M
10M
–40
1k
10k
10
0
–20
2940 G15
VV = ±2VPK
VI = 200mVDC
IPMON = ±200μAPK (NOM)
TA = 25°C
RL = 2k
I-TO-V
AMP
OUTPUT
RL = 5k
RELATIVE TO DC GAIN
FREQUENCY (Hz)
SEE TEST CIRCUITS FOR LOADING CONDITIONS
–30
–10
100
100k
1M
10M
–40
1k
10k
10
0
–20
2940 G16
VV = 2VDC
VI = ±200mVPK
IPMON = ±200μAPK (NOM)
TA = 25°C
RL =
2k
I-TO-V
AMP
OUTPUT
RL = 5k
RELATIVE TO DC GAIN
FREQUENCY (Hz)
SEE TEST CIRCUITS FOR LOADING CONDITIONS
–30
–10
100
100k
1M
10M
–40
1k
10k
10
0
–20
2940 G17
VI = ±200mVPK
IIMON = ±200μAPK (NOM)
TA = 25°C
RL =
2k
I-TO-V
AMP
OUTPUT
RL = 5k
RELATIVE TO DC GAIN
FREQUENCY (Hz)
40
100
100k
1M
10M
0
1k
10k
80
60
20
2940 G13
VCC = 12V
RPMON = 5k ON 2VDC BIAS
RIMON = 5k ON 2VDC BIAS
TA = 25°C
IMON
PMON
OPEN COLLECTOR VOLTAGE (V)
0.1
0
5
10
15
20
25
1
10
2940 G18
100
TA = 25°C
OUTPUT PULLING LOW
VCC = 6V
VCC = 80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com