Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940CMS Datasheet(PDF) 24 Page - Linear Technology

Part # LT2940CMS
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CMS Datasheet(HTML) 24 Page - Linear Technology

Back Button LT2940CMS Datasheet HTML 16Page - Linear Technology LT2940CMS Datasheet HTML 17Page - Linear Technology LT2940CMS Datasheet HTML 18Page - Linear Technology LT2940CMS Datasheet HTML 19Page - Linear Technology LT2940CMS Datasheet HTML 20Page - Linear Technology LT2940CMS Datasheet HTML 21Page - Linear Technology LT2940CMS Datasheet HTML 22Page - Linear Technology LT2940CMS Datasheet HTML 23Page - Linear Technology LT2940CMS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT2940
24
2940f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 1109 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1966
Precision Micropower Delta-Sigma RMS-to-DC
Converter
2.7V to 12V Supply Voltage, 170μA Supply Current
LTC1968
Precision Wide Bandwidth RMS-to-DC Converter
4.5V to 6V Supply Voltage, 500kHz 3dB-Error BW
LTC6101/
LTC6101HV
High Voltage, High Side, Precision Current Sense
Amplifiers
4V to 60V/ 5V to 100V, Gain Configurable, SOT-23
LTC6104
Bidirectional High Side, Precision Current Sense
Amplifier
4V to 60V, Gain Configurable, 8-Pin MSOP
LTC6106
Low Cost, High Side Precision Current Sense
Amplifier
2.7V to 36V, Gain Configurable, SOT23
LTC4151
High Voltage I2C Current and Voltage Monitor
Wide Operating Range: 7V to 80V
LTC4215
Positive Hot Swap Controller with ADC and I2C
8-Bit ADC Monitoring Current and Voltages, Supplies from 2.9V to 15V
LT4256-1/
LT4256-2
Positive 48V Hot Swap Controllers with Open-
Circuit Detect
Foldback Current Limiting, Open-Circuit and Overcurrent Fault Output,
Up to 80V Supply
LTC4260
Positive High Voltage Hot Swap Controller With
ADC and I2C Monitoring
Wide Operating Range: 8.5V to 80V
LTC4261
Negative Voltage Hot Swap Controller With ADC
and I2C Monitoring
Floating Topology Allows Very High Voltage Operation
Integrating Watt-Hour Meter
CMP+
PMON
IMON
CMPOUT
IN
6V TO 80V
1024 COUNTS
= 1 WATT-HOUR
CD4040
0A TO 2A
S1B
S2B
S3B
CB+
CB–
S4B
OUT
ADJ
SHDN
RESET
LT3014
CMPOUT
LATCH
V–
V–
V+
I–
I+
LT2940
CT
2.2μF
C16
1μF
2940 TA14
VCC
VDD
VSS
COSC
SHA
Q
GND
V+
LTC6702
GND
+
–
+
–
5V
LTC6943
5V
5V
12V
R14
20.0k
R13
4.99k
C18
0.1μF
R2
215k
R1
11.3k
RESET
RS
100mΩ
R17
309k
R18
49.9k
R16
100k
C17
0.47μF
C1
1μF
R15
24.9k
Q1
2N7002
GND
S1A
S2A
S3A
CA+
CA–
V+
LOAD
(80W MAX)
S4A
C19
0.1μF
C20
0.1μF
kV =
kI = 100mΩ
1
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com