Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940CMS Datasheet(PDF) 11 Page - Linear Technology

Part # LT2940CMS
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CMS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT2940CMS Datasheet HTML 7Page - Linear Technology LT2940CMS Datasheet HTML 8Page - Linear Technology LT2940CMS Datasheet HTML 9Page - Linear Technology LT2940CMS Datasheet HTML 10Page - Linear Technology LT2940CMS Datasheet HTML 11Page - Linear Technology LT2940CMS Datasheet HTML 12Page - Linear Technology LT2940CMS Datasheet HTML 13Page - Linear Technology LT2940CMS Datasheet HTML 14Page - Linear Technology LT2940CMS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT2940
11
2940f
Table 1. LT2940 Essential Operating Parameters to Achieve Specified Accuracy (VCC Operating Range = 6V to 80V)
PARA-
METER
SENSE
INPUT
PINS
PIN VOLTAGE
LIMIT
INPUT
OPERATING
RANGE
SCALING
TO
OUTPUT
MONITOR
OUTPUT
PINS
OUTPUT
OPERATING
RANGE
OUTPUT
VOLTAGE COMPLIANCE
Voltage
V+, V–
0V to VCC – 3V at VCC ≤ 12V
0V TO 9V at 12V < VCC < 30V
0V to 18V at VCC ≥ 30V
VV = ±8V
-
-
-
-
Current
I+, I–
4V to 80V*
VI = ±200mV
GIMON =
1000μA /V
IMON
IIMON =
±200μA
Sourcing:
0V to VCC – 4.5V at VCC ≤ 7.5V
0V to 7.5V at 12V < VCC < 30V
0V to 12V at VCC ≥ 30V
Sinking:
As Above, Except Minimum is 0.5V
Power
V+, V–,
I+, I–
See Above Limits
VV • VI = ±0.4V2
KPMON =
500μA / V2
PMON
IPMON =
±200μA
* The current sense range is completely independent of the supply voltage.
APPLICATIONS INFORMATION
PMON and IMON outputs are capable of indicating forward
and reverse flow of power and current, provided they are
advantageously biased.
The multiplier core full-scale product of ±0.4V2 may
be reached over a range of voltage and current inputs,
as shown in Figure 2. For example, voltage sense and
current sense combinations of 8V and 50mV, 4V and
100mV, and 2V and 200mV each multiply to 0.4V2, and
thus produce 200μA at PMON. This arrangement allows
the core to operate at full-scale, and therefore at best ac-
curacy, over a 4:1 range of current and voltage, a readily
appreciated feature when monitoring power in variable
supply applications.
Essential Design Equations
A few equations are needed to calculate input scaling factors
and achieve a desired output. Consider the basic applica-
tion in Figure 3, where the power PIN is to be measured
as the product of voltage VIN and current IIN:
PIN = VIN • IIN
(6)
The actual measured quantities VIN and IIN are scaled to be
level-compatible with the LT2940. In this basic application,
a simple resistive voltage divider scales VIN, and a sense
resistor scales IIN.
VV = VIN • kV
(7a)
k
R
RR
V =
+
1
12
(7b)
VI = IIN • kI
(8a)
kI = RSENSE
(8b)
The PMON output current is given by:
IPMON = KPMON • VIN • kV • IIN • kI
(9a)
or
IPMON = PIN • KPMON • kV • kI
(9b)
The output current may be positive (sourcing) or
negative (sinking) depending on the signs of VIN, kV,
IIN, and kI. Provided that the magnitudes of VV and VI
do not exceed 8V and 200mV as shown in Figure 2, at
Figure 2. PMON Output Current as a Function
of Sense Input Voltages
2940 F02
VV = VV+ – VV– (V)
100
1
4
25
50
12.5
200
0.5
2
8
IPMON
= 200μA
25μA
50μA
100μA
12.5μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com