Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940CMS Datasheet(PDF) 18 Page - Linear Technology

Part # LT2940CMS
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CMS Datasheet(HTML) 18 Page - Linear Technology

Back Button LT2940CMS Datasheet HTML 14Page - Linear Technology LT2940CMS Datasheet HTML 15Page - Linear Technology LT2940CMS Datasheet HTML 16Page - Linear Technology LT2940CMS Datasheet HTML 17Page - Linear Technology LT2940CMS Datasheet HTML 18Page - Linear Technology LT2940CMS Datasheet HTML 19Page - Linear Technology LT2940CMS Datasheet HTML 20Page - Linear Technology LT2940CMS Datasheet HTML 21Page - Linear Technology LT2940CMS Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT2940
18
2940f
TYPICAL APPLICATIONS
8V to 32V, 8W Load
Adjustable 0W to 10W Load Box with UVLO and Thermal Shutdown
PMON
IMON
V–
V+
I–
I+
VCC
2940 TA06
Q1
FDB3632
8V TO 32V
RS
200mΩ
LT2940
GND
12V
12V
kV =
kI = 200mΩ
1
4
R2
30k
R1
10k
R7
6.8Ω
10W
LM334
D1
1N457
R5
6.8k
C1
100nF
C4
100nF
200μA/A
CURRENT
MONITOR
OUTPUT
R3
2k
R4
680Ω
V–
V+
R
R6
10Ω
+
–
CMP+
PMON
IMON
CMPOUT
CMPOUT
LATCH
V–
V+
I–
I+
VCC
2940 TA07
Q2
2N3904*
Q1
FDB3632
1A/V
CURRENT
MONITOR
OUTPUT
ICONTROL
= 50mW/μA
10V TO 40V
INPUT
LT2940
GND
12V
12V
12V
LT1635
0W TO 10W ADJ
10-TURN
REF
200mV
kV =
kI = 200mΩ
1
5
R12
12k
R10
500Ω
TEMP
ADJ
*THERMAL SHUTDOWN; COUPLE TO Q1’s HEAT SINK
D1
1N4003
R4
4.99k
R13
10k
R3A
13k
UVLO
RS
200mΩ
R3B
91k
R14
10Ω
R1
30k
R2
120k
C11
10nF
R11
33Ω
Q4
2N3906
+
–
R17
100Ω
R18
1k
R16
10k
R15
10k
C13
10nF
R19
10k
OA
Q3
2N3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com