Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940CMS Datasheet(PDF) 17 Page - Linear Technology

Part # LT2940CMS
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CMS Datasheet(HTML) 17 Page - Linear Technology

Back Button LT2940CMS Datasheet HTML 13Page - Linear Technology LT2940CMS Datasheet HTML 14Page - Linear Technology LT2940CMS Datasheet HTML 15Page - Linear Technology LT2940CMS Datasheet HTML 16Page - Linear Technology LT2940CMS Datasheet HTML 17Page - Linear Technology LT2940CMS Datasheet HTML 18Page - Linear Technology LT2940CMS Datasheet HTML 19Page - Linear Technology LT2940CMS Datasheet HTML 20Page - Linear Technology LT2940CMS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT2940
17
2940f
TYPICAL APPLICATIONS
30W Linear Heat Source
Wide Input Range 10W PWM Heat Source
PMON
IMON
V–
V+
I–
I+
VCC
2940 TA04
R2
102k
LM334
R1
25.5k
R6
51Ω
Q1
VN2222
D1
1N457
D2
27V
10A/ V
10V TO 40V
RS
LT2940
GND
200mΩ
3
R5
6.8k
R7
3.3k
C3
470pF
C2
22nF
R3
10k
R4
680Ω
V–
V+
R
R8
1k
R9
10k
Q2
TIP129
HEATSINK
Q = 30W
Q3
D44VH11
R10
100Ω
R11
100mΩ
kV =
kI = 200mΩ
3
1
15
C1
100μF
50V
+
CMP+
IMON
PMON
CMPOUT
CMPOUT
LATCH
V–
V+
I–
I+
VCC
2940 TA05
D2
1N4148
Q2
BSS123
22.4V TO 72V
RS
LT2940
GND
200mΩ
3
R4
68k
C4
4.7μF
C1
100μF
100V
kV =
kI =
tOFF 2ms
200mΩ
3
13
233
HEATSINK
Q = 10W
R6
10k
R5
10k
R7
50Ω
25W
Q3
2N3906
12V
D1
MUR1100E
Q1
FDS3672
R2
220k
R1
13k
D3
1N4148
C2
100nF
+
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com