Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940CMS Datasheet(PDF) 10 Page - Linear Technology

Part # LT2940CMS
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CMS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT2940CMS Datasheet HTML 6Page - Linear Technology LT2940CMS Datasheet HTML 7Page - Linear Technology LT2940CMS Datasheet HTML 8Page - Linear Technology LT2940CMS Datasheet HTML 9Page - Linear Technology LT2940CMS Datasheet HTML 10Page - Linear Technology LT2940CMS Datasheet HTML 11Page - Linear Technology LT2940CMS Datasheet HTML 12Page - Linear Technology LT2940CMS Datasheet HTML 13Page - Linear Technology LT2940CMS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT2940
10
2940f
APPLICATIONS INFORMATION
Introduction
The LT2940 power and current monitor brings together
circuits necessary to measure, monitor and control power.
In circuits where voltage is constant, power is directly
proportional to current. The LT2940 enables power moni-
toring and control in applications where both the current
and the voltage may be variable due to supply voltage
uncertainty, component parametric changes, transient
conditions, time-varying signals, and so forth.
The LT2940’s four-quadrant multiplier calculates in-
stantaneous power from its voltage sense and current
sense inputs. Its output driver sources and sinks cur-
rent proportional to power (magnitude and direction),
which affords flexible voltage scaling, simple filtering
and, into a reference, bipolar signals. Its onboard
comparator is the final piece required for integrated
power monitoring. In addition, the LT2940 provides a
proportional-to-current output that allows for equally
straightforward scaling, filtering and monitoring of the
sensed current.
Please note: although standard convention defines cur-
rents as positive going into a pin (as is generally the case
in the Electrical Characteristics table), the opposite is
true of the PMON and IMON pins. Throughout this data
sheet the power and current monitor output currents
are defined positive coming out of PMON and IMON,
respectively. Adopting this convention lets positive voltage
differences at the current and voltage sense pins yield
positive currents sourced from PMON and IMON that
can be scaled to positive ground referenced voltages
with a resistor.
Multiplier Operation
The LT2940 power and current monitor contains a four-
quadrant multiplier designed to measure the voltage and
current of a generator or load, and output signals propor-
tional to power and current. Figure 1 shows a signal path
block diagram. The operating ranges of the voltage sense
and current sense inputs are included. To simplify the
notation, the differential input voltages are defined as:
VV = VV+ – VV–
(1a)
VI = VI+ – VI–
(1b)
The full scale output of the multiplier core is ±0.4V2, which
the PMON output driver converts to current through a
scale factor of KPMON.
IPMON = KPMON • VV • VI
(2)
K
µA
V
PMON = 500
2
(3)
The voltage across the current sense input pins is converted
to a current by the IMON output driver through the scale
factor of GIMON.
IIMON = GIMON • VI
(4)
G
µA
V
IMON = 1000
(5)
Both the PMON and IMON outputs reach full-scale at
±200μA.
The headroom and compliance limits for the input and
output pins are summarized in Table 1 for easy reference.
It is important to note that the current sense inputs, I+
and I–, operate over a 4V to 80V range completely inde-
pendent of the LT2940’s supply pin, VCC. Note also that
the inputs accept signals of either polarity, and that the
Figure 1. LT2940 Signal Path Diagram
LT2940
VI = VI+ – VI–
±200mV (MAX)
2940 F01
±200μA
FULL-SCALE
7
8
11 10
PMON
V +
V –
I +
I –
VV • VI = ±0.4V
2 FULL-SCALE
4
KPMON = 500
V2
μA
±200μA
FULL-SCALE
IMON
5
GIMON = 1000
V
μA
VV = VV+ – VV–
±8V (MAX)
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com