Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940CMS Datasheet(PDF) 12 Page - Linear Technology

Part # LT2940CMS
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CMS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT2940CMS Datasheet HTML 8Page - Linear Technology LT2940CMS Datasheet HTML 9Page - Linear Technology LT2940CMS Datasheet HTML 10Page - Linear Technology LT2940CMS Datasheet HTML 11Page - Linear Technology LT2940CMS Datasheet HTML 12Page - Linear Technology LT2940CMS Datasheet HTML 13Page - Linear Technology LT2940CMS Datasheet HTML 14Page - Linear Technology LT2940CMS Datasheet HTML 15Page - Linear Technology LT2940CMS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT2940
12
2940f
APPLICATIONS INFORMATION
the full-scale output current of ±200μA, the achievable
full-scale power is:
P
V
kk
IN FS
VI
()
.
•
=
04 2
(10)
In some applications the PMON output is converted to a
voltage by a load resistor:
VPMON = IPMON • RPMON
(11)
The complete end-to-end scaling is then given by:
VPMON = PIN • KPMON • kV • kI • RPMON
(12)
The current monitor output current at IMON is found by
combining Equations 4 and 8a:
IIMON = IIN • GIMON • kI
(13)
The output current may be positive (sourcing) or negative
(sinking) depending on the signs of IIN and kI. Provided
that the magnitude of VI does not exceed 200mV, at the
full-scale output current of ±200μA the achievable full-
scale input current is:
I
V
k
IN FS
I
()
.
=
02
(14)
If IMON current is converted to a voltage by a load resis-
tor, then:
VIMON = IIMON • RIMON
(15)
and the final end-to-end scaling is given by:
VIMON = IIN • GIMON • kI • RIMON
(16)
Accuracy
The principal accuracies of the power and current monitor
outputs are characterized as absolute percentages of full-
scale output currents, using the nominal values of scaling
parameters. The total error of the IPMON output, EPMON, is
typically ±2%, and is defined as:
E
I
µA
V
VV
µA
PMON
PMON
V
I
=
− 500
200
100
2
•(
•
)
•%
(17)
Contributors to the power output accuracy such as the scal-
ing (KPMON), the output offset (IPMON(OS)), and the voltage
and current sense input offsets (VV(OSP) and VI(OSP)), are
separately specified at key conditions and may be totaled
using the root sum-of-squares (RSS) method.
The total error of the IIMON output, EIMON, is typically
±1.5%, and is defined as:
E
I
A
V
V
A
IMON
IMON
I
=
− 1000
200
100
μ
μ
•
•%
(18)
Contributors to the current output accuracy such as the
scaling (GIMON) and the current sense input offset (VI(OSI))
are separately specified at key conditions. Here again, use
the RSS method of totaling errors.
Figure 3. Basic Power Sensing Application Showing Derivation of kV and kI
LT2940
PIN = VIN • IIN
2940 F03
7
8
11 10
PMON
R1
LOAD
V +
V –
I +
I –
4
IMON
5
kV =
VI = IIN • RSENSE
kI = RSENSE
VV = VIN •
R1 + R2
R1
R1 + R2
R1
VIN
R2
RSENSE
IIN
RIMON
VIMON
IIMON
RPMON
VPMON
IPMON
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com